Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD13280 Datasheet(PDF) 2 Page - Analog Devices

Part No. AD13280
Description  Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD13280 Datasheet(HTML) 2 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD13280–SPECIFICATIONS
(AVCC = +5 V, AVEE = –5 V, DVCC = +3.3 V; applies to each ADC with Front-End
Amplifier unless otherwise noted.)
Test
Mil
AD13280AZ/BZ
Parameter
Temp
Level
Subgroup
Min
Typ
Max
Unit
RESOLUTION
12
Bits
DC ACCURACY
1
No Missing Codes
Full
IV
12
Guaranteed
Offset Error
25
°C
I
1
–2.2
±1.0
+2.2
% FS
Full
VI
2, 3
–2.2
±1.0
+2.2
% FS
Offset Error Channel Match
Full
VI
1, 2, 3
–1.0
±0.1
+1.0
%
Gain Error
2
25
°C
I
1
–3
–1.0
+1
% FS
Full
VI
2, 3
–5.0
±2.0
+5.0
% FS
Gain Error Channel Match
25
°C
I
1
–1.5
±0.5
+1.5
%
Max
VI
2
–3.0
±1.0
+3.0
%
Min
VI
3
–5
±1.0
+5
%
SINGLE-ENDED ANALOG INPUT
Input Voltage Range
AMP-IN-X-1
Full
V
±0.5
V
AMP-IN-X-2
Full
V
±1.0
V
Input Resistance
AMP-IN-X-1
Full
IV
12
99
100
101
AMP-IN-X-2
Full
IV
12
198
200
202
Capacitance
25
°C
V
4.0
7.0
pF
Analog Input Bandwidth
3
Full
V
100
MHz
DIFFERENTIAL ANALOG INPUT
Analog Signal Input Range
A+IN to A–IN and B+IN to B–IN
4
Full
V
±1V
Input Impedance
25
°C
V
618
Analog Input Bandwidth
Full
V
50
MHz
ENCODE INPUT (ENC,
ENC)1
Differential Input Voltage
Full
IV
12
0.4
V p-p
Differential Input Resistance
25
°CV
10
k
Differential Input Capacitance
25
°C
V
2.5
pF
SWITCHING PERFORMANCE
Maximum Conversion Rate
5
Full
VI
4, 5, 6
80
MSPS
Minimum Conversion Rate
5
Full
IV
12
20
MSPS
Aperture Delay (tA)25
°C
V
1.5
ns
Aperture Delay Matching
25
°C
IV
12
250
500
ps
Aperture Uncertainty (Jitter)
25
°C
V
0.3
ps rms
ENCODE Pulsewidth High at Max Conversion Rate
25
°C
IV
12
4.75
6.25
8
ns
ENCODE Pulsewidth Low at Max Conversion Rate
25
°C
IV
12
4.75
6.25
8
ns
Output Delay (tOD)
Full
V
5
ns
Encode, Rising to Data Ready, Rising Delay
Full
V
8.5
ns
SNR
1, 6
Analog Input @ 10 MHz
25
°C
I
4
67.5
70
dBFS
Min
II
6
64.5
dBFS
Max
II
5
67.5
dBFS
Analog Input @ 21 MHz
25
°C
I
4
67.5
70
dBFS
Min
II
6
64
dBFS
Max
II
5
67.5
dBFS
Analog Input @ 37 MHz
25
°C
I
4
63.5
65
dBFS
Min
II
6
61.5
dBFS
Max
II
5
63.5
dBFS
SINAD
1, 7
Analog Input @ 10 MHz
25
°C
I
4
67
69
dBFS
Min
II
6
63.5
dBFS
Max
II
5
67
dBFS
Analog Input @ 21 MHz
25
°C
I
4
65
68.5
dBFS
Min
II
6
63
dBFS
Max
II
5
65
dBFS
Analog Input @ 37 MHz
25
°C
I
4
54.5
59
dBFS
Min
II
6
53
dBFS
Max
II
5
54.5
dBFS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn