Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD13280 Datasheet(PDF) 6 Page - Analog Devices

Part No. AD13280
Description  Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD13280 Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
AD13280
–6–
FREQUENCY – MHz
–130
0
ENCODE = 80MSPS
AIN = 5MHz (–1dBFS)
SNR = 69.4dBFS
SFDR = 81.9dBc
510
15
20
25
30
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
35
40
6
3
4
5
TPC 1. Single Tone @ 5 MHz
FREQUENCY – MHz
–130
0
ENCODE = 80MSPS
AIN = 18MHz (–1dBFS)
SNR = 69.79dBFS
SFDR = 76.81dBc
510
15
20
25
30
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
35
40
TPC 2. Single Tone @ 18 MHz
FREQUENCY – MHz
–130
0
510
15
20
25
30
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
35
40
ENCODE = 80MSPS
AIN = 9MHz AND
10MHz (–7dBFS)
SFDR = 82.77dBc
TPC 3. Two Tone @ 9 MHz/10 MHz
ENCODE = 80MSPS
AIN = 10MHz (–1dBFS)
SNR = 69.19dBFS
SFDR = 79.55dBc
FREQUENCY – MHz
–130
0
510
15
20
25
30
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
35
40
6
3
4
5
TPC 4. Single Tone @ 10 MHz
ENCODE = 80MSPS
AIN = 37MHz (–1dBFS)
SNR = 68.38dBFS
SFDR = 57.81dBc
FREQUENCY – MHz
–130
0
510
15
20
25
30
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
35
40
6
3
4
5
TPC 5. Single Tone @ 37 MHz
ENCODE = 80MSPS
AIN = 19MHz AND
20MHz (–7dBFS)
SFDR = 74.41dBc
FREQUENCY – MHz
–130
0
510
15
20
25
30
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
35
40
TPC 6. Two Tone @ 19 MHz/20 MHz
–Typical Performance Characteristics


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn