Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10242TZ Datasheet(PDF) 5 Page - Analog Devices

Part No. AD10242TZ
Description  Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10242TZ Datasheet(HTML) 5 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD10242
–5–
REV. A
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Function
1
SHIELD
Internal Ground Shield between channels.
2, 5, 9–11, 26–27
GNDA
A Channel Ground. A and B grounds should be connected as close to the device as possible.
3
UNEGA
Unipolar Negative.
4
UCOMA
Unipolar Common.
6AINA1
Analog Input for A side ADC (nominally
±0.5 V).
7AINA2
Analog Input for A side ADC (nominally
±1.0 V).
8AINA3
Analog Input for A side ADC (nominally
±2.0 V).
12
UPOSA
Unipolar Positive.
13
AVEE
Analog Negative Supply Voltage (nominally –5.0 V or –5.2 V).
14
AVCC
Analog Positive Supply Voltage (nominally +5.0 V).
15–16
NC
No Connect.
17–25, 31–33
D0A–D11A
Digital Outputs for ADC A. D0 (LSB).
28
ENCODEA
ENCODE is complement of ENCODE.
29
ENCODEA
Data conversion initiated on rising edge of ENCODE input.
30
DVCC
Digital positive supply voltage (nominally +5.0 V).
34–35
NC
No Connect.
36–42, 45–49
D0B–D11B
Digital Outputs for ADC B. D0 (LSB).
43–44, 53–54
GNDB
B Channel Ground. A and B grounds should be connected as close to the device
58–61, 65, 68
as possible.
50
DVCC
Digital Positive Supply Voltage (nominally +5.0 V).
51
ENCODEB
Data conversion initiated on rising edge of
ENCODE input.
52
ENCODEB
ENCODE is complement of ENCODE.
55
UCOMB
Unipolar Common.
56
UNEGB
Unipolar Negative.
57
UPOSB
Unipolar Positive.
62
AINB1
Analog Input for B side ADC (nominally
±0.5 V).
63
AINB2
Analog Input for B side ADC (nominally
±1.0 V).
64
AINB3
Analog Input for B side ADC (nominally
±2.0 V).
66
AVCC
Analog Positive Supply Voltage (nominally +5.0 V).
67
AVEE
Analog Negative Supply Voltage (nominally –5.0 V or –5.2 V).
PIN CONFIGURATION
68-Lead Ceramic Leaded Chip Carrier
10
11
12
13
14
15
16
17
18
19
20
22
23
24
25
26
21
27
43
28 29 30 31 32 33 34 35 36 37 38 39 40 41 42
961
8
7
6
5
68 67 66 65 64 63 62
4
32
1
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
TOP VIEW
(Not to Scale)
GNDB
GNDB
GNDB
UPOSB
UNEGB
UCOMB
GNDB
GNDB
ENCODEB
ENCODEB
DVCC
D11B (MSB)
D10B
D9B
D8B
D7B
GNDB
GNDA
GNDA
UPOSA
AVEE
AVCC
NC
NC
(LSB) D0A
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
GNDA
NC = NO CONNECT
AD10242
PIN 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn