Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10265 Datasheet(PDF) 4 Page - Analog Devices

Part No. AD10265
Description  Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10265 Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AD10265
–4–
REV. 0
ABSOLUTE MAXIMUM RATINGS
1
Parameter
Min
Max
Units
ELECTRICAL
VCC Voltage
0
7
V
VEE Voltage
–7
0
V
Analog Input Voltage
VEE
VCC
V
Analog Input Current
–10
+10
mA
Digital Input Voltage (ENCODE)
0
AVCC V
ENCODE,
ENCODE Differential Voltage
4
V
Digital Output Current
–10
+10
mA
ENVIRONMENTAL
2
Operating Temperature (Case)
–55
+125
°C
Maximum Junction Temperature
+175
°C
Lead Temperature (Soldering, 10 sec)
+300
°C
Storage Temperature Range (Ambient)
–65
+150
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2Typical thermal impedances for “Z” package:
θ
JC = 11°C/W; θJA = 30°C/W.
Table I. Output Coding
MSB
LSB
Base 10
Input
0111111111111
2047
+FS
0000000000001
+1
0000000000000
0
0.0 V
1111111111111
–1
1000000000000
2048
–FS
EXPLANATION OF TEST LEVELS
Test Level
I
– 100% Production Tested.
II – 100% production tested at +25
°C, and sample tested at
specified temperatures. AC testing done on sample basis.
III – Sample Tested Only.
IV – Parameter is guaranteed by design and characterization
testing.
V
– Parameter is a typical value only.
VI – All devices are 100% production tested at +25
°C; sample
tested at temperature extremes.
ORDERING GUIDE
M
odel
Temperature Range
Package Description
Package Option
AD10265AZ
–25
°C to +85°C (Case) 68-Lead Leaded Ceramic Chip Carrier Z-68A
AD10265/PCB
+25
°C
Evaluation Board with AD10265AZ
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD10265 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn