Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9761518201 Datasheet(PDF) 2 Page - AAEON Technology

Part # 9761518201
Description  15.6??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

9761518201 Datasheet(HTML) 2 Page - AAEON Technology

  9761518201 Datasheet HTML 1Page - AAEON Technology 9761518201 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04-6
Dimension
Unit: mm
Ordering Information
TF-ACP-5152HTT-A1-1010
15.6” Fanless Multi-Touch Window Panel Computer with Onboard Intel® Dual Core Atom™ D510, DDR2
SODIMM 1GB
Optional Accessories
ACP-5152
1702031802
Power Cord (US Type)
1702031803
Power Cord (European Type)
170203180E
Power Cord (Japanese Type)
9761518200
Smart Card Reader
9761518201
Camera
9761518204 + AP-OT978966665D
Skype Phone and Mounting Kit
9761518206
MSR + Mounting Kit
9761518205
Scanner (2D) + Mounting Kit
9761518202
WiFi Antenna
9761115200
WiFi Module, IEEE 802.11 b/g + Bluetooth™
P005152010
Plastic ABS + PC Cables Cover


Similar Part No. - 9761518201

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
9761518201 AAEON-9761518201 Datasheet
374Kb / 2P
   18.5??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
9761518201 AAEON-9761518201 Datasheet
395Kb / 2P
   18.5??Fanless Multi-Touch Computer With Intel짰 Core??i7/i5/P4500 Processor
9761518201 AAEON-9761518201 Datasheet
323Kb / 2P
   21.5??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
9761518201 AAEON-9761518201 Datasheet
446Kb / 2P
   21.5??Fanless Multi-Touch Computer With Intel짰 Core??i7/i5/P4500 Processor
More results

Similar Description - 9761518201

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ACP-5212 AAEON-ACP-5212 Datasheet
323Kb / 2P
   21.5??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
ACP-5182 AAEON-ACP-5182 Datasheet
374Kb / 2P
   18.5??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
ACP-5217 AAEON-ACP-5217 Datasheet
462Kb / 2P
   21.5??Fanless Multi-Touch Computer With Intel짰 Core?
ACP-5215 AAEON-ACP-5215 Datasheet
446Kb / 2P
   21.5??Fanless Multi-Touch Computer With Intel짰 Core??i7/i5/P4500 Processor
ACP-5187 AAEON-ACP-5187 Datasheet
325Kb / 2P
   18.5??Fanless Multi-Touch Computer With Intel짰 Core??i7/i5/Celeron짰 Processor
ACP-5185 AAEON-ACP-5185 Datasheet
395Kb / 2P
   18.5??Fanless Multi-Touch Computer With Intel짰 Core??i7/i5/P4500 Processor
AHP-2122 AAEON-AHP-2122 Datasheet
368Kb / 2P
   12.1??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D525 Processor
AHP-2153 AAEON-AHP-2153 Datasheet
455Kb / 2P
   15??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D2550 Processor
logo
GSR Technology Ltd
GSR-152PW GSR-GSR-152PW Datasheet
572Kb / 2P
   15.6??Fanless Multi-touch Panel PC with Intel짰 CeleronTM J1900 Processor
logo
AAEON Technology
AHP-1152 AAEON-AHP-1152 Datasheet
339Kb / 2P
   15??XGA HMI Touch Panel Computer With Onboard Intel Atom D510 1.66 GHz Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com