Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS9002 Datasheet(PDF) 4 Page - Touchstone Semiconductor Inc

Part # TS9002
Description  Low-Power Single/Dual-Supply Dual Comparator with Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9002 Datasheet(HTML) 4 Page - Touchstone Semiconductor Inc

  TS9002 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TS9002
Page 4
TS9002DS r1p0
RTFDS
ELECTRICAL CHARACTERISTICS
– 3V OPERATION
V+ = 3V, V- = GND = 0V; TA = -40ºC to +85ºC, unless otherwise noted. Typical values are at TA = +25ºC. See Note 1.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Supply Current
IN+ = IN- + 100mV
HYST = REF
TA = +25°C
2
3.8
µA
-40°C to +85°C
5.3
COMPARATOR
Input Offset Voltage
VCM = 1.5V
TA = +25°C
±3.5
mV
-40°C to +85°C
±10
Input Leakage Current (IN-, IN+)
IN+ = IN- = 1.5V
TA = +25°C
±0.01
±2
nA
-40°C to +85°C
±0.01
±5
nA
Input Leakage Current (at HYST Pin)
TA = +25°C
±0.02
nA
-40°C to +85°C
±0.02
nA
Input Common-Mode Voltage Range
V-
V+
– 1.3V
V
Common-Mode Rejection Ratio
V- to (V+
– 1.3V)
0.1
1
mV/V
Power-Supply Rejection Ratio
V+ = 2.5V to 11V
0.1
1
mV/V
Output Voltage Noise
100Hz to 100kHz
20
μV
RMS
Hysteresis Input Voltage Range
REF- 0.05V
REF
V
Response Time
(High-to-Low Transition)
TA = +25°C, 100pF load
Overdrive = 10 mV
17
μs
Overdrive = 100 mV
7
Response Time
(Low-to-High Transition)
TA = +25°C, 100pF Load
Overdrive = 10 mV
17
μs
Overdrive = 100 mV
7
Output High Voltage
-40°C to +85°C; IOUT = 10mA
V+
– 0.4
V
Output Low Voltage
-40°C to +85°C; IOUT = 1.8mA
GND + 0.4
V
Dual Supply
-40°C to +85°C; IOUT = 1.8mA
V- + 0.4
V
REFERENCE
Reference Voltage
TA = +25°C
1.173
1.182
1.191
V
-40°C to +85°C
1.164
1.199
Reference Line Regulation
2.5V ≤ (V+ - V-) ≤ 5V
TA = +25°C
0.25
mV/V
Source Current
ΔVREF = 1%
TA = +25°C
20
25
μA
-40°C to +85°C
6
Sink Current
ΔVREF = 1%
TA = +25°C
10
15
μA
-40°C to +85°C
4
Output Voltage Noise
100Hz to 100kHz
100
μV
RMS
Note 1: All specifications are 100% tested at TA = +25°C. Specification limits over temperature (TA = TMIN to TMAX) are guaranteed by device
characterization, not production tested.


Similar Part No. - TS9002

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Taiwan Semiconductor Co...
TS90021CX5 TSC-TS90021CX5 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002ACX5 TSC-TS9002ACX5 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
More results

Similar Description - TS9002

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9004DB TOUCHSTONE-TS9004DB Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9004 TOUCHSTONE-TS9004 Datasheet
979Kb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9004 SILABS-TS9004 Datasheet
1Mb / 13P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Linear Technology
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_07 Datasheet
248Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com