Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJ10015 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MJ10015
Description  50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10015 Datasheet(HTML) 1 Page - Motorola, Inc

  MJ10015 Datasheet HTML 1Page - Motorola, Inc MJ10015 Datasheet HTML 2Page - Motorola, Inc MJ10015 Datasheet HTML 3Page - Motorola, Inc MJ10015 Datasheet HTML 4Page - Motorola, Inc MJ10015 Datasheet HTML 5Page - Motorola, Inc MJ10015 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
SWITCHMODE Series
NPN Silicon Power Darlington
Transistors with Base-Emitter
Speedup Diode
The MJ10015 and MJ10016 Darlington transistors are designed for high–voltage,
high–speed, power switching in inductive circuits where fall time is critical. They are
particularly suited for line–operated switchmode applications such as:
• Switching Regulators
• Motor Controls
• Inverters
• Solenoid and Relay Drivers
• Fast Turn–Off Times
1.0
µs (max) Inductive Crossover Time — 20 Amps
2.5
µs (max) inductive Storage Time — 20 Amps
• Operating Temperature Range –65 to +200_C
• Performance Specified for
Reversed Biased SOA with Inductive Load
Switching Times with Inductive Loads
Saturation Voltages
Leakage Currents
MAXIMUM RATINGS
Rating
Symbol
MJ10015
MJ10016
Unit
Collector–Emitter Voltage
VCEO
400
500
Vdc
Collector–Emitter Voltage
VCEV
600
700
Vdc
Emitter Base Voltage
VEB
8.0
Vdc
Collector Current — Continuous
— Peak (1)
IC
ICM
50
75
Adc
Base Current — Continous
— Peak (1)
IB
IBM
10
15
Adc
Total Power Dissipation @ TC = 25_C
@ TC = 100_C
Derate above 25
_C
PD
250
143
1.43
Watts
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.7
_C/W
Maximum Lead Temperature for Soldering Purposes:
1/8
″ from Case for 5 Seconds
TL
275
_C
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle
v 10%.
SWITCHMODE is a trademark of Motorola, Inc.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ10015/D
© Motorola, Inc. 1995
MJ10015
MJ10016
50 AMPERE
NPN SILICON
POWER DARLINGTON
TRANSISTORS
400 AND 500 VOLTS
250 WATTS
CASE 197–05
TO–204AE TYPE
(TO–3 TYPE)
≈ 50
≈ 8
REV 1


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn