Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM932 Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

Part # TSM932
Description  Ultra Low-Power Single/Dual-Supply Comparators with Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM932 Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  TSM932 Datasheet HTML 1Page - Touchstone Semiconductor Inc TSM932 Datasheet HTML 2Page - Touchstone Semiconductor Inc TSM932 Datasheet HTML 3Page - Touchstone Semiconductor Inc TSM932 Datasheet HTML 4Page - Touchstone Semiconductor Inc TSM932 Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM932 Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM932 Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM932 Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM932 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TSM931-TSM934
Page 2
TSM931_34DS r1p0
RTFDS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+ to V-, V+ to GND, GND to V-)......-0.3V, +12V
Voltage Inputs
(IN+, IN-)..............................................(V+ + 0.3V) to (V- - 0.3V)
HYST…………………………………….(REF + 5V) to (V- - 0.3V)
Output Voltage
REF..................................................... (V+ + 0.3V) to (V- - 0.3V)
OUT (TSM931/934)...........................(V+ + 0.3V) to (GND - 0.3V)
OUT (TSM932/933)...............................(V+ + 0.3V) to (V- - 0.3V)
Input Current (IN+, IN-, HYST)..............................................20mA
Output Current
Continuous Power Dissipation (TA = +70°C)
8-Pin MSOP (derate 4.1mW/°C above +70°C) .................330mW
8-Pin SOIC (derate 5.88mW/°C above +70°C)..................471mW
16-Pin SOIC (8.7mW/°C above +70°C) ............................696mW
Operating Temperature Range
TSM93xC..................................................................0°C to +70°C
TSM93xE...............................................................-40°C to +85°C
Storage Temperature Range .................................-65°C to +150°C
Lead Temperature (soldering, 10s) ......................................+300°C
REF…………………………………………………………….20mA
OUT…………………………………………………………….50mA
Output Short-
Circuit Duration (V+ ≤ 5.5V) ...................Continuous
Electrical and thermal s
tresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART
MARKING
CARRIER QUANTITY
ORDER NUMBER
PART
MARKING
CARRIER QUANTITY
TSM931CUA+
TAAX
Tube
50
TSM931CSA+
TS931
Tube
97
TSM931CSA+T
Tape
& Reel
2500
TSM931CUA+T
Tape
& Reel
2500
TSM931ESA+
TS931E
Tube
97
TSM931ESA+T
Tape
& Reel
2500


Similar Part No. - TSM932

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM932 SILABS-TSM932 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM932C SILABS-TSM932C Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM932E SILABS-TSM932E Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
More results

Similar Description - TSM932

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Silicon Laboratories
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
   Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
logo
Touchstone Semiconducto...
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com