Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS_FT313H Datasheet(PDF) 52 Page - Future Technology Devices International Ltd.

Part # DS_FT313H
Description  The FT313H is a Hi-Speed Universal Serial Bus (USB) Host Controller compatible with Universal Serial Bus Specification Rev 2.0 and supports data transfer speeds of up to 480M bit/s.
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

DS_FT313H Datasheet(HTML) 52 Page - Future Technology Devices International Ltd.

Back Button DS_FT313H Datasheet HTML 48Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 49Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 50Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 51Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 52Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 53Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 54Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 55Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 56Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
Copyright © 2012 Future Technology Devices International Limited
52
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.1
Clearance No.: FTDI# 318
6.4.2 DMA timing
DMA timing characteristics (Ambient Temperature = -40°C to +85°C)
Parameter
Description
Min
Max
Unit
Tsudreqdack
DREQ Set-up Time before DACK
Assertion
0
-
ns
Tddackdreq
DACK De-assertion to Next DREQ
Assertion Time
18
-
ns
Thdreqdack
DREQ Hold Time after Last Strobe
Assertion
-
35
ns
Trwp
RD_N/WR_N Pulse Width
40
-
ns
Toe
Data Valid Time after RD_N Assertion
8
-
ns
Trdh
Read Data Hold Time after RD_N De-
asserts
4
9
ns
Twdh
Write Data Hold Time after WR_N De-
assertion
0
-
ns
Tdadvh
Write Data Set-up Time before WR_N
De-assertion
6
-
ns
Tsudackrw
DACK Set-up Time before
RD_N/WR_N Assertion
0
-
ns
Trwdack
DACK De-assertion after RD_N/WR_N
De-assertion
0
-
ns
Tcyc
DMA Read/Write Cycle Time
80
-
ns
Table 6-13 DMA timing
DREQ
DACK
RD_N/
WR_N
DATA[15:0]
(read)
DATA[15:0]
(write)
Tsudreqdack
Tsudackrw
Trwp
Tcyc
Thdreqdack
Tddackdreq
Trwdack
Toe
Trdh
Tdadvh
Twdh
DATA1
DATA2
DATAn
Figure 6-7 DMA read and write


Similar Part No. - DS_FT313H

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
DS_FT311D FTDI-DS_FT311D Datasheet
1Mb / 40P
   The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
logo
List of Unclassifed Man...
DS_FT312D ETC1-DS_FT312D Datasheet
701Kb / 25P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
DS_FT312D FTDI-DS_FT312D Datasheet
757Kb / 27P
   Future Technology Devices International Ltd.
Nov 2013
More results

Similar Description - DS_FT313H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1562 PHILIPS-ISP1562 Datasheet
442Kb / 98P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
ISP1760 PHILIPS-ISP1760 Datasheet
449Kb / 105P
   Hi-Speed Universal Serial Bus host controller for embedded applications
Rev. 01-8 November 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1761 PHILIPS-ISP1761 Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com