Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS_FT313H Datasheet(PDF) 40 Page - Future Technology Devices International Ltd.

Part # DS_FT313H
Description  The FT313H is a Hi-Speed Universal Serial Bus (USB) Host Controller compatible with Universal Serial Bus Specification Rev 2.0 and supports data transfer speeds of up to 480M bit/s.
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

DS_FT313H Datasheet(HTML) 40 Page - Future Technology Devices International Ltd.

Back Button DS_FT313H Datasheet HTML 36Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 37Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 38Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 39Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 40Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 41Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 42Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 43Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 44Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
Copyright © 2012 Future Technology Devices International Limited
40
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.1
Clearance No.: FTDI# 318
6 Devices Characteristics and Ratings
6.1 Absolute Maximum Ratings
The absolute maximum ratings for the FT313H device are as follows. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Parameter
Value
Unit
Storage Temperature
-65°C to 150°C
Degrees C
Floor Life (Out of Bag) At Factory Ambient
(30°C / 60% Relative Humidity)
168 Hours
(IPC/JEDEC J-STD-033A MSL Level 3
Compliant)*
Hours
Ambient Temperature (Power Applied)
-40°C to 85°C
Degrees C
VCC Supply Voltage
0 to +5
V
VCC(I/O) Supply Voltage
0 to +5
V
DC Input Voltage – USBDP and USBDM
-0.5 to +5
V
DC Input Voltage – OC_N (5V tolerant)
-0.5 to +5.5
V
DC Input Voltage – All Other Inputs
-0.5 to +5
V
Table 6-1 Absolute Maximum Ratings
* If devices are stored out of the packaging beyond this time limit the devices should be baked before
use. The devices should be ramped up to a temperature of +125°C and baked for up to 17 hours.


Similar Part No. - DS_FT313H

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
DS_FT311D FTDI-DS_FT311D Datasheet
1Mb / 40P
   The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
logo
List of Unclassifed Man...
DS_FT312D ETC1-DS_FT312D Datasheet
701Kb / 25P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
DS_FT312D FTDI-DS_FT312D Datasheet
757Kb / 27P
   Future Technology Devices International Ltd.
Nov 2013
More results

Similar Description - DS_FT313H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1562 PHILIPS-ISP1562 Datasheet
442Kb / 98P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
ISP1760 PHILIPS-ISP1760 Datasheet
449Kb / 105P
   Hi-Speed Universal Serial Bus host controller for embedded applications
Rev. 01-8 November 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1761 PHILIPS-ISP1761 Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com