Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS_UMFT311GP Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # DS_UMFT311GP
Description  DS_UMFT311GP shield board to be used with FT311D Development Module.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

DS_UMFT311GP Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  DS_UMFT311GP Datasheet HTML 1Page - Future Technology Devices International Ltd. DS_UMFT311GP Datasheet HTML 2Page - Future Technology Devices International Ltd. DS_UMFT311GP Datasheet HTML 3Page - Future Technology Devices International Ltd. DS_UMFT311GP Datasheet HTML 4Page - Future Technology Devices International Ltd. DS_UMFT311GP Datasheet HTML 5Page - Future Technology Devices International Ltd. DS_UMFT311GP Datasheet HTML 6Page - Future Technology Devices International Ltd. DS_UMFT311GP Datasheet HTML 7Page - Future Technology Devices International Ltd. DS_UMFT311GP Datasheet HTML 8Page - Future Technology Devices International Ltd. DS_UMFT311GP Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Copyright © 2012 Future Technology Devices International Limited
3
DS_UMFT311GP Datasheet
Version 1.0
Document No.: FT_000690 Clearance No.: FTDI# 304
2 FT311 GPIO Board Block Diagram
Figure 2.1 : FT311 GPIO Board Block Diagram
For a description of each function please refer to Section 3.
3.3 V
Power
Supply
Power
Supply (5V)
CN1
LEDs
LED7-LED0
Voltage
Regulator
U1
Jumpers
JP7-JP0
Resistors
R7-R0
Push Button
Switch
PB7-PB0
Vinco
Module
Interface
Connectors
J6-J1
FT311D
Module
Interface
Connector
P8


Similar Part No. - DS_UMFT311GP

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
DS_UMFT311EV FTDI-DS_UMFT311EV Datasheet
827Kb / 16P
   The FT311D Development Module is a development module which utilises the FT311D IC to develop USB accessories connecting to Android platforms via Android Open Accessory mode.
More results

Similar Description - DS_UMFT311GP

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
DS_UMFT311EV FTDI-DS_UMFT311EV Datasheet
827Kb / 16P
   The FT311D Development Module is a development module which utilises the FT311D IC to develop USB accessories connecting to Android platforms via Android Open Accessory mode.
logo
Ironwood Electronics.
TS-SS-12-0.5 IRONWOOD-TS-SS-12-0.5 Datasheet
101Kb / 1P
   To be used with clamshell sockets
LS-BGA520C-05 IRONWOOD-LS-BGA520C-05 Datasheet
98Kb / 1P
   To be used with GHz sockets
logo
Advantech Co., Ltd.
ROM-DB3900 ADVANTECH-ROM-DB3900_15 Datasheet
514Kb / 2P
   Development board for RISC RTX2.0 Module
logo
Ironwood Electronics.
TS-SG-01-3.0 IRONWOOD-TS-SG-01-3.0 Datasheet
81Kb / 1P
   To be used with swivel lid sockets
TS-SS-11-3.0 IRONWOOD-TS-SS-11-3.0 Datasheet
82Kb / 1P
   To be used with clamshell lid sockets
TS-SG-02-0.5 IRONWOOD-TS-SG-02-0.5 Datasheet
29Kb / 1P
   To be used with swivel lid sockets
TS-SS-03-0.5 IRONWOOD-TS-SS-03-0.5 Datasheet
74Kb / 1P
   To be used with Clamshell lid sockets
logo
Advantech Co., Ltd.
ROM-DB7500 ADVANTECH-ROM-DB7500_15 Datasheet
571Kb / 2P
   Development board for RISC Qseven Module
ROM-DB7502 ADVANTECH-ROM-DB7502 Datasheet
460Kb / 2P
   Development Board for Qseven2.0/2.1 Module
9-Aug-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com