Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH5711 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH5711
Description  Hochgenauer Umgebungslichtsensor High Accuracy Ambient Light Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5711 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH5711_11 Datasheet HTML 1Page - OSRAM GmbH SFH5711_11 Datasheet HTML 2Page - OSRAM GmbH SFH5711_11 Datasheet HTML 3Page - OSRAM GmbH SFH5711_11 Datasheet HTML 4Page - OSRAM GmbH SFH5711_11 Datasheet HTML 5Page - OSRAM GmbH SFH5711_11 Datasheet HTML 6Page - OSRAM GmbH SFH5711_11 Datasheet HTML 7Page - OSRAM GmbH SFH5711_11 Datasheet HTML 8Page - OSRAM GmbH SFH5711_11 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2011-03-21
3
SFH 5711
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
min.
typ.
max.
Stromaufnahme,
E
V =0
Current consumption
V
CC =2.5 V
V
CC =5.0 V
I
CC
410
420
500
μA
Stromaufnahme,
E
V = 1000lx
Current consumption,
E
V = 1000lx
V
CC =2.5 V
V
CC =5.0 V
I
CC
460
470
550
μA
Spektraler Bereich der Fotoempfindlichkeit
Spectral range of sensitivity
λ
10%
475 ...
650
nm
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. photosensitivity
λ
s max
540
555
570
nm
Abmessung der bestrahlungsempfindlichen
Fläche
Dimensions of radiant sensitive area
L x B
L x W
0.4 x
0.4
mm x mm
Ausgangskapazität
Output capacitance
C
OUT
3pF
Transferfunktion
Transfer function, s. Fig. 1
G
9.5
10
10.5
µA / dek
µA / dec
Abweichung der Ausgangskennlinie von der
Logarithmierfunktion
Deviation of outputcharacteristic from logarithmic
function, s. Fig. 1
L
-3
+3
%
Maximale Ausgangsspannung
Maximum output voltage
V
OUT
V
CC
-0.5
V
Einschaltzeit, E
V = 1000 lx
Power on time, E
V = 1000 lx
V
CC =0V->VCC
t
ON
0.1
1.2
ms
Antwortzeit, R
L = 25 kOhm, C = 1 nF
Response time, s. Fig. 2
E
V = 100 -> 1000 lx
E
V = 1000 -> 100 lx
t
r / tf
0.03
0.1
ms


Similar Part No. - SFH5711_11

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH5711-1/2 OSRAM-SFH5711-1/2 Datasheet
311Kb / 9P
   High Accuracy Ambient Light Sensor
SFH5711-1/2 OSRAM-SFH5711-1/2 Datasheet
250Kb / 14P
   High Accuracy Ambient Light Sensor
SFH5711-1/2 OSRAM-SFH5711-1/2 Datasheet
404Kb / 14P
   High Accuracy Ambient Light Sensor
SFH5711 OSRAM-SFH5711_13 Datasheet
250Kb / 14P
   High Accuracy Ambient Light Sensor
SFH5711 OSRAM-SFH5711_16 Datasheet
404Kb / 14P
   High Accuracy Ambient Light Sensor
More results

Similar Description - SFH5711_11

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH5711 OSRAM-SFH5711_16 Datasheet
404Kb / 14P
   High Accuracy Ambient Light Sensor
logo
Vishay Siliconix
VEML6030 VISHAY-VEML6030_17 Datasheet
281Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
Rev. 1.3, 12-May-17
logo
OSRAM GmbH
SFH-5711 OSRAM-SFH-5711 Datasheet
404Kb / 14P
   High Accuracy Ambient Light Sensor
SFH5711 OSRAM-SFH5711_13 Datasheet
250Kb / 14P
   High Accuracy Ambient Light Sensor
SFH5711 OSRAM-SFH5711 Datasheet
311Kb / 9P
   High Accuracy Ambient Light Sensor
logo
Vishay Siliconix
VEML7700 VISHAY-VEML7700_17 Datasheet
260Kb / 13P
   High Accuracy Ambient Light Sensor With I2C Interface
Rev. 1.3, 02-Jun-17
VEML7700 VISHAY-VEML7700 Datasheet
204Kb / 12P
   High Accuracy Ambient Light Sensor with IC Interface
Rev. 1.0, 19-Nov-15
VEML6030 VISHAY-VEML6030_V01 Datasheet
232Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
01-Jan-2022
VEML6031X00 VISHAY-VEML6031X00_V02 Datasheet
244Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
01-Jan-2023
VEML6031X00 VISHAY-VEML6031X00 Datasheet
241Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com