Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCLAMP3601P Datasheet(PDF) 4 Page - Semtech Corporation

Part # UCLAMP3601P
Description  TVS Diode for Proximity Switch Input Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UCLAMP3601P Datasheet(HTML) 4 Page - Semtech Corporation

  UCLAMP3601P Datasheet HTML 1Page - Semtech Corporation UCLAMP3601P Datasheet HTML 2Page - Semtech Corporation UCLAMP3601P Datasheet HTML 3Page - Semtech Corporation UCLAMP3601P Datasheet HTML 4Page - Semtech Corporation UCLAMP3601P Datasheet HTML 5Page - Semtech Corporation UCLAMP3601P Datasheet HTML 6Page - Semtech Corporation UCLAMP3601P Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
© 2012 Semtech Corporation
www.semtech.com
uClamp3601P
PROTECTION PRODUCTS
Typical Characteristics
Typical Breakdown Voltage vs Temperature
30
35
40
45
50
-50
0
50
100
150
Temperature (
OC)
IBR = 1mA
Typical Positive Clamping Voltage vs Surge Voltage
Clamp at 30ns
0
20
40
60
02
468
10
Surge Voltage (kV)
TA = 25
OC.
Waveform 1ns/60ns; 8kV peak.
Corrected for 20dB attenuation.
Measured with 50 Ohm 20dB attenuator;
50 Ohm Scope Input Impedance
Typical Negative Clamping Voltage vs Surge Voltage
Clamp at 30ns
-10
-8
-6
-4
-2
0
-10
-8
-6-4-2
0
Surge Voltage (kV)
TA = 25
OC.
Waveform 1ns/60ns; 8kV peak.
Corrected for 20dB attenuation.
Measured with 50 Ohm 20dB attenuator;
50 Ohm Scope Input Impedance
Typical Leakage Current vs Temperature
0
50
100
150
-50
0
50
100
150
Temperature (
OC)
VR = 33V
Typical Junction Capacitance vs Temperature
10
15
20
25
30
-50
0
50
100
150
Temperature (
OC)
VR = 0V
f = 1Mhz


Similar Part No. - UCLAMP3601P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP3603T SEMTECH-UCLAMP3603T Datasheet
168Kb / 7P
   TVS Diode Array for Proximity Switch Protection
More results

Similar Description - UCLAMP3601P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SDC36B SEMTECH-SDC36B Datasheet
159Kb / 6P
   TVS Diode Array for Proximity Switch Input Protection
SDC36 SEMTECH-SDC36 Datasheet
155Kb / 6P
   TVS Diode Array for Proximity Switch Input Protection
SDC36C SEMTECH-SDC36C Datasheet
164Kb / 6P
   TVS Diode Array for Proximity Switch Input Protection
UCLAMP3603T SEMTECH-UCLAMP3603T Datasheet
168Kb / 7P
   TVS Diode Array for Proximity Switch Protection
logo
Shanghai Leiditech Elec...
SM36S3F LEIDITECH-SM36S3F Datasheet
1Mb / 5P
   TVS DIODE ARRAY FOR PROXIMITY SWITCH PROTECTION
logo
KEC(Korea Electronics)
PG24NSSMB KEC-PG24NSSMB Datasheet
508Kb / 2P
   Single Line TVS Diode for ESD Protection
logo
Yea Shin Technology Co....
YSOT24C YEASHIN-YSOT24C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
logo
KEC(Korea Electronics)
PG12NSSMB KEC-PG12NSSMB Datasheet
438Kb / 2P
   Single Line TVS Diode for ESD Protection
PG05NSSMC KEC-PG05NSSMC Datasheet
438Kb / 2P
   Single Line TVS Diode for ESD Protection
logo
Shanghai Leiditech Elec...
LC0542T5 LEIDITECH-LC0542T5 Datasheet
423Kb / 4P
   TVS DIODE ARRAY FOR USB LINE PROTECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com