Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03321.25MXP Datasheet(PDF) 3 Page - Littelfuse

Part # 03321.25MXP
Description  325/326 Series Lead-Free 3AB, Slo-Blo짰 Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

03321.25MXP Datasheet(HTML) 3 Page - Littelfuse

  03321.25MXP Datasheet HTML 1Page - Littelfuse 03321.25MXP Datasheet HTML 2Page - Littelfuse 03321.25MXP Datasheet HTML 3Page - Littelfuse 03321.25MXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: December 6, 2012
Axial Lead & Cartridge Fuses
325/326 Series
3AB > Time Lag > 325/326 Series
Please refer to www.littelfuse.com/series/325.html
or /326.html for current information.
Average Time Current Curves
1000
100
10
1
0.1
0.01
10
CURRENT IN AMPERES
100
1000
0.1
1
0.05
Temperature Rerating Curve
Soldering Parameters - Wave Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100
° C
Temperature Maximum:
150
° C
Preheat Time:
60-180 seconds
Solder PotTemperature:
260
° C Maximum
Solder DwellTime:
2-5 seconds
Recommended Hand-Solder Parameters:
Solder Iron Temperature: 350° C +/- 5°C
Heating Time: 5 seconds max.
Note: These devices are not recommended for IR or
Convection Reflow process.
Recommended Process Parameters:


Similar Part No. - 03321.25MXP

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0332100000 WEIDMULLER-0332100000 Datasheet
58Kb / 2P
   Connector markers, L x W: 10.3 x 5 mm, Polyamide 66, white
logo
Lumberg
033212 LUMBERG-033212 Datasheet
215Kb / 3P
   Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9 und AISG-Spezifikation, IP 68
033212 LUMBERG-033212 Datasheet
600Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
033214 LUMBERG-033214 Datasheet
215Kb / 3P
   Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9 und AISG-Spezifikation, IP 68
033214 LUMBERG-033214 Datasheet
600Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results

Similar Description - 03321.25MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0326.600H LITTELFUSE-0326.600H Datasheet
42Kb / 1P
   3AB Slo-Blo짰 Fuse 325/326/390 Series
326 LITTELFUSE-326 Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
02291.25HXP LITTELFUSE-02291.25HXP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
2205 LITTELFUSE-2205 Datasheet
905Kb / 3P
   2205 Series, Lead-Free 2AG, Slo-Blo짰 Fuse
0229.375HXSP LITTELFUSE-0229.375HXSP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
0313.010HXP LITTELFUSE-0313.010HXP Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
   Lead-Free 3AB Fuse
0209.250MXP LITTELFUSE-0209.250MXP Datasheet
454Kb / 4P
   209 Series Lead-Free 2AG, Slo-Blo짰 (Time-Lag) Fuse
0314.125HXP LITTELFUSE-0314.125HXP Datasheet
191Kb / 3P
   314/324 Series Lead-free 3AB, Fast-acting Fuse
E10480 LITTELFUSE-E10480 Datasheet
449Kb / 4P
   328 Series, Lead-Free 3AB, High Surge Withstanding Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com