Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1235IMLTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SX1235IMLTRT
Description  EN300 220 Category 1 Compliant Transceiver
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1235IMLTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SX1235IMLTRT Datasheet HTML 1Page - Semtech Corporation SX1235IMLTRT Datasheet HTML 2Page - Semtech Corporation SX1235IMLTRT Datasheet HTML 3Page - Semtech Corporation SX1235IMLTRT Datasheet HTML 4Page - Semtech Corporation SX1235IMLTRT Datasheet HTML 5Page - Semtech Corporation SX1235IMLTRT Datasheet HTML 6Page - Semtech Corporation SX1235IMLTRT Datasheet HTML 7Page - Semtech Corporation SX1235IMLTRT Datasheet HTML 8Page - Semtech Corporation SX1235IMLTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
www.semtech.com
Page 1
SX1235
WIRELESS & SENSING
DATASHEET
Rev 1 - December 2012
The SX1235 is a highly integrated RF transceiver optimized
for operation compliant with ETSI EN 300 220 receiver
category 1. In conjunction with an external SAW filter the
SX1235 is designed to pass the category 1 testing with
substantial
regulatory
margin,
simplifying
end-user
production test requirements. The SX1235 retains the
highly integrated architecture of the SX123x family,
minimizing external components while delivering the highest
level of performance. For hybrid systems with non
category 1 elements within an alarm system the SX1235
offers the advantage of programmable narrow-band and
wide-band communication modes without the need tomodify
external components. This makes the SX1235 suitable for
integrated home automation, security and alarm systems
that require legacy compatibility.
Category 1 Social Alarm Systems
Category 1 Fire, Smoke and Toxic Gas Detection
Category 1 Lone Worker Systems
Home and Building Automation
Wireless Alarm and Security Systems
Industrial Monitoring and Control
Optimised for the EN 300-220-1 Category 1
North America: FCC Part 15 and Japan: ARIB T-108
High sensitivity: down to -123 dBm at 1.2 kbps
High selectivity: 60 dB typ. ACR
High linearity: 50 dB typ. of adjacent channel saturation
80 dB Blocking immunity, 100 dB with SAW
Image rejection of over 45 dB
Low current: Rx = 9.3 mA, 100nA register retention
Programmable output power +20 dBm in 1 dB steps
Optional high efficiency or fully regulated PA connections
for reliable M2M performance and optimal battery
lifetime
Voltage operation from 1.8 to 3.7 V
Narrowband integrated synthesizer with a resolution of
61 Hz
FSK, GFSK, MSK, GMSK and OOK modulation
Automated, fast frequency correction & timing recovery
Over 115 dB Dynamic Range RSSI
Packet engine with CRC 64 byte FIFO
Preamble and RSSI based channel activity detection
GENERAL DESCRIPTION
APPLICATIONS
MARKETS
KEY PRODUCT FEATURES
ORDERING INFORMATION
Part Number
Package
Delivery
MOQ /
Multiple
SX1235IMLTRT
QFN24
Tape &
Reel
3000 pieces
SX1235 Transceiver
EN300 220 Category 1 Compliant Transceiver


Similar Part No. - SX1235IMLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1230 SEMTECH-SX1230 Datasheet
886Kb / 46P
   Integrated Transmitter IC Narrow/wideband 315 MHz, 434 MHz 868 MHz and 915 MHz band Transmitter
SX1230-12SKA SEMTECH-SX1230-12SKA Datasheet
2Mb / 43P
   Advanced Mode
SX1230I066TRT SEMTECH-SX1230I066TRT Datasheet
886Kb / 46P
   Integrated Transmitter IC Narrow/wideband 315 MHz, 434 MHz 868 MHz and 915 MHz band Transmitter
SX1231 SEMTECH-SX1231 Datasheet
895Kb / 78P
   Low Power Integrated UHF Transceiver
SX1231H SEMTECH-SX1231H Datasheet
970Kb / 82P
   Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
More results

Similar Description - SX1235IMLTRT

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
VX2M RADIOMETRIX-VX2M Datasheet
769Kb / 9P
   NBFM Vibration resistant Category 1 Multi-channel Transceiver
logo
Texas Instruments
TSLM1100 TI-TSLM1100 Datasheet
103Kb / 7P
[Old version datasheet]   IrDA COMPLIANT TRANSCEIVER
logo
List of Unclassifed Man...
KL5KUSB201 ETC-KL5KUSB201 Datasheet
183Kb / 21P
   USB2.0 Compliant Transceiver Chip
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57R5APZ AVAGO-AFBR-57R5APZ_15 Datasheet
288Kb / 19P
   RoHS Compliant Optical Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com