Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1232IMLTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SX1232IMLTRT
Description  High Link Budget Integrated UHF Transceiver
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1232IMLTRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SX1232IMLTRT Datasheet HTML 4Page - Semtech Corporation SX1232IMLTRT Datasheet HTML 5Page - Semtech Corporation SX1232IMLTRT Datasheet HTML 6Page - Semtech Corporation SX1232IMLTRT Datasheet HTML 7Page - Semtech Corporation SX1232IMLTRT Datasheet HTML 8Page - Semtech Corporation SX1232IMLTRT Datasheet HTML 9Page - Semtech Corporation SX1232IMLTRT Datasheet HTML 10Page - Semtech Corporation SX1232IMLTRT Datasheet HTML 11Page - Semtech Corporation SX1232IMLTRT Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
www.semtech.com
Page 8
SX1232
WIRELESS & SENSING
DATASHEET
Rev 3 - August 2012
Acronyms
BOM
Bill Of Materials
LSB
Least Significant Bit
BR
Bit Rate
MSB
Most Significant Bit
BW
Bandwidth
NRZ
Non Return to Zero
CCITT
Comité Consultatif International
Téléphonique et Télégraphique - ITU
OOK
On Off Keying
CRC
Cyclic Redundancy Check
PA
Power Amplifier
DAC
Digital to Analog Converter
PCB
Printed Circuit Board
ETSI
European Telecommunications Standards
Institute
PLL
Phase-Locked Loop
FCC
Federal Communications Commission
POR
Power On Reset
Fdev
Frequency Deviation
RBW
Resolution BandWidth
FIFO
First In First Out
RF
Radio Frequency
FIR
Finite Impulse Response
RSSI
Received Signal Strength Indicator
FS
Frequency Synthesizer
Rx
Receiver
FSK
Frequency Shift Keying
SAW
Surface Acoustic Wave
GUI
Graphical User Interface
SPI
Serial Peripheral Interface
IC
Integrated Circuit
SR
Shift Register
ID
IDentificator
Stby
Standby
IF
Intermediate Frequency
Tx
Transmitter
IRQ
Interrupt ReQuest
uC
Microcontroller
ITU
International Telecommunication Union
VCO
Voltage Controlled Oscillator
LFSR
Linear Feedback Shift Register
XO
Crystal Oscillator
LNA
Low Noise Amplifier
XOR
eXclusive OR
LO
Local Oscillator


Similar Part No. - SX1232IMLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1232IMLTRT SEMTECH-SX1232IMLTRT Datasheet
1Mb / 97P
   High Link Budget Integrated UHF Transceiver
More results

Similar Description - SX1232IMLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1233 SEMTECH-SX1233_12 Datasheet
1Mb / 97P
   High Link Budget Integrated UHF Transceiver
XE1205 SEMTECH-XE1205 Datasheet
778Kb / 48P
   180 MHz - 1GHz Low-Power, High Link Budget Integrated UHF Transceiver
logo
List of Unclassifed Man...
RFM66W ETC2-RFM66W Datasheet
2Mb / 87P
   868 & 915MHz Ultra Low Power High Link Budget Integrated UHF Transceiver
logo
Finisar Corporation.
FTLX3912M3 FINISAR-FTLX3912M3 Datasheet
477Kb / 14P
   High Link Budget, Multi-Rate, DWDM XFP Optical Transceiver
logo
List of Unclassifed Man...
TDL2 ETC2-TDL2 Datasheet
331Kb / 10P
   UHF Transparent Data Link transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
logo
STMicroelectronics
B-L072Z-LRWAN1 STMICROELECTRONICS-B-L072Z-LRWAN1 Datasheet
304Kb / 4P
   157 dB maximum link budget
logo
Semtech Corporation
SX1233 SEMTECH-SX1233 Datasheet
1Mb / 81P
   High Bit Rate Transceiver Low Power Integrated UHF Transceiver
logo
Radiometrix Ltd
TDL2A-433-9 RADIOMETRIX-TDL2A-433-9 Datasheet
342Kb / 11P
   UHF Multi Channel Transparent Data Link Transceiver
logo
List of Unclassifed Man...
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
   Low-Power, integrated UHF transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com