Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV47004P Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LV47004P
Description  For Car Audio Systems 4-Channel BTL Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV47004P Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LV47004P Datasheet HTML 1Page - Sanyo Semicon Device LV47004P Datasheet HTML 2Page - Sanyo Semicon Device LV47004P Datasheet HTML 3Page - Sanyo Semicon Device LV47004P Datasheet HTML 4Page - Sanyo Semicon Device LV47004P Datasheet HTML 5Page - Sanyo Semicon Device LV47004P Datasheet HTML 6Page - Sanyo Semicon Device LV47004P Datasheet HTML 7Page - Sanyo Semicon Device LV47004P Datasheet HTML 8Page - Sanyo Semicon Device LV47004P Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LV47004P
No.A1798-4/11
External Components
Part Name
Recommended Value
Purpose
Remarks
C1 to C5
0.47
μF
Cuts DC voltage
The larger the constant value, the lower the cut-off frequency
The values of C1 to C5 must be the same
C6
22
μF
Reduces ripples
Reduces pop noise
The larger the constant value, the longer the amplifier ON/OFF time
C7
2200
μF
Ripple filter
Eliminating power supply ripples
C8
0.1
μF
Improves oscillation stability
Reducing high-frequency noise
C9
1
μF
Reduces pop noise
The larger the constant value, the longer the mute ON/OFF time
R1
10k
Ω
Reduces pop noise
The larger the constant value, the longer the mute ON/OFF time
R2
4.7k
Ω
Pull-up resistor
* The components and constant values within the test circuit are used for confirmation of characteristics and are not guarantees that incorrect or trouble will not
occur in application equipment.
Description of Operation
1. Standby switch function (pin 4)
Threshold voltage of the pin 4 is set by about 2VBE.
The amplifier is turned on by the applied voltage of 2.5V or more. Also, the amplifier is turned off by the applied
voltage of 0.5V or less.
Fig1 Standby equivalent circuit
2. Muting function (pin 22)
The muted state is obtained by setting pin 22 to the ground potential, enabling audio muting.
The muting function is turned on by the applied voltage of 1V or less to the resistance of 22pin (Mute pin). And the
muting function is turn off tjis pin opens.
Also, the time constant of the muting function is determined by external capacitor and resistor constants.
It is concerned with a pop noise in amplifier ON/OFF and mute ON/OFF. After enough examination, please set it.
Fig2 Mute equivalent circuit
4
STBY
10k
Ω
30k
Ω
+
MUTE
MUTE
OFF
ON
10k
Ω
18k
Ω
1
μF
about
50
μA
about
2.5V
200
Ω
22


Similar Part No. - LV47004P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV47004P SANYO-LV47004P Datasheet
290Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47004P ONSEMI-LV47004P Datasheet
180Kb / 11P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
LV47004P-E ONSEMI-LV47004P-E Datasheet
180Kb / 11P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
More results

Similar Description - LV47004P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
   For Car Audio Systems 4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47022P ONSEMI-LV47022P Datasheet
284Kb / 12P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV47017P SANYO-LV47017P Datasheet
278Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P Datasheet
290Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P Datasheet
283Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P_12 Datasheet
301Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47004P-E ONSEMI-LV47004P-E Datasheet
180Kb / 11P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV47022P SANYO-LV47022P Datasheet
404Kb / 12P
   Monolithic Linear IC For Car Audio Systems 4-Channel BTL Power Amplifier
LA47202P SANYO-LA47202P Datasheet
103Kb / 8P
   Monolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems
LA47516 SANYO-LA47516 Datasheet
118Kb / 7P
   Four-Channel 50W BTL Power Amplifier for Car Stereo Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com