Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV3327PV Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV3327PV
Description  Electronic Volume IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV3327PV Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV3327PV_12 Datasheet HTML 1Page - Sanyo Semicon Device LV3327PV_12 Datasheet HTML 2Page - Sanyo Semicon Device LV3327PV_12 Datasheet HTML 3Page - Sanyo Semicon Device LV3327PV_12 Datasheet HTML 4Page - Sanyo Semicon Device LV3327PV_12 Datasheet HTML 5Page - Sanyo Semicon Device LV3327PV_12 Datasheet HTML 6Page - Sanyo Semicon Device LV3327PV_12 Datasheet HTML 7Page - Sanyo Semicon Device LV3327PV_12 Datasheet HTML 8Page - Sanyo Semicon Device LV3327PV_12 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
42512 SY 20110912-S00004/N2410 SY No.A1879-1/11
LV3327PV
Overview
The LV3327PV is electronic volume LSI for the volume adjustment of the portable sound equipment usage.
Features
• The mixing function is installed, and it is suitable for PND (personal navigation device) as the usage.
It is possible to output it by allocating one system in the audio guidance among four input systems, and mixing other
signals from the speaker output with the audio guidance by the microcomputer control.
• Because the volume step resolution is 0.5dB step, the volume can be made to fine-tune.
• The loudness function is installed.
Functions
• Input switching : 4 input systems (Independent control is possible.)
• Volumn control : +10dB to -79.5dB(0.5dB steps)/-∞
• Loudness control :
Taps are output starting at the -32dB position of the ladder resistor and a loudness function implemented with external
capacitor and resistor components.
• Output gain control : 0dB or +6dB select
• Mixing function
• Output switching :
2 outputs (Each Lch output, Rch output, and Lch/Rch mixing output can be selected).
• Each control is done by the sirial data input. I2C
Bi-CMOS LSI
Electronic Volume IC
Ordering number : ENA1879A


Similar Part No. - LV3327PV_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV3327PV SANYO-LV3327PV Datasheet
224Kb / 11P
   Electronic Volume IC
logo
ON Semiconductor
LV3327PV ONSEMI-LV3327PV Datasheet
167Kb / 11P
   Electronic Volume IC
June, 2013
More results

Similar Description - LV3327PV_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
   Electronic Volume IC
June, 2013
logo
Sanyo Semicon Device
LV3327PV SANYO-LV3327PV Datasheet
224Kb / 11P
   Electronic Volume IC
logo
ON Semiconductor
LV3327PV ONSEMI-LV3327PV Datasheet
167Kb / 11P
   Electronic Volume IC
June, 2013
logo
Princeton Technology Co...
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
logo
Toshiba Semiconductor
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
   ELECTRONIC VOLUME CONTROL IC
logo
Princeton Technology Co...
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com