Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC786800E Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC786800E
Description  Compressed Audio signal Processor IC with USB host controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC786800E Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC786800E Datasheet HTML 1Page - Sanyo Semicon Device LC786800E Datasheet HTML 2Page - Sanyo Semicon Device LC786800E Datasheet HTML 3Page - Sanyo Semicon Device LC786800E Datasheet HTML 4Page - Sanyo Semicon Device LC786800E Datasheet HTML 5Page - Sanyo Semicon Device LC786800E Datasheet HTML 6Page - Sanyo Semicon Device LC786800E Datasheet HTML 7Page - Sanyo Semicon Device LC786800E Datasheet HTML 8Page - Sanyo Semicon Device LC786800E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LC786800E
No.A2082-2/26
Continued from the previous page.
• Three stereo channels of analog input and four channels of Electronic Volume output (LF, LR, RF, RR)
• ARM7TDMI-S™ as internal CPU core, flash memory for program and various data storage
• Operating voltage: 3.3V typical
• Operating temperature: -40°C to +85°C
• Packages: QIP100 (14 × 20)
Detail of Functions
[Compressed audio functions]
• MP3 decode (ISO/IEC 11172-3, ISO/IEC 13818-3)
Sampling rate support:
MPEG1-Layer1/2/3 (32kHz, 44.1kHz, 48kHz)
MPEG2-Layer1/2/3 (16kHz, 22.05kHz, 24kHz)
MPEG2.5-Layer3 (8kHz, 11.025kHz, 12kHz)
Bit rate support:
All Bit Rate (Variable Bit Rate support)
MPEG header read support
• MP3 encode (ISO/IEC 11172-3)
MPEG1-Layer3
Sampling rate:
44.1kHz
Bit rate:
32kbps to 320kbps (Not support variable bit rate)
• WMA decode (Version 9 standard)
Sampling rate support:
8kHz, 11.025kHz, 16kHz, 22.05kHz, 32kHz, 44.1kHz, 48kHz
Bit rate support:
5kbps to 384kbps (Variable Bit Rate support)
• AAC decode (ISO/IEC 14496-3, ISO/IEC 13818-7)
Profile:
MPEG4-AAC-LowComplexity
Sampling rate support:
8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz,
48kHz
Bit rate support:
Monaural
8kbps to 160kbps (Variable bit rate support)
Stereo
16kbps to 320kbps (Variable bit rate support)
[Audio processing functions]
<Audio data processing block>
• SANYO original surround (AViSS)
• 7band graphic equalizer
• Sampling Rate Converter (Fs = 44.1kHz) and High frequency compensation filter for compressed audio
playback
• Mute function (-12dB, -∞)and Digital attenuator
• De-emphasis filter
<Audio input processing block>
• Analog Audio data input (Three channels by stereo)
Single Ended input:
2 channels
Differential input:
1 channel (single end operation is also available)
Input Gain:
-12.5dB to +18.5dB (1dB step)
24bit accuracy AD converter (Three input selector)
• Digital Audio data input (Three channels by stereo)
Four signals connection (384Fs, LRCK, BCK and DATA) is required.
Corresponding in one of two ways.
(1) 384Fs input and three lines input synchronized.
(2) 384Fs output and three lines input synchronized.
Data Format: IIS, MSB first right justified, etc.


Similar Part No. - LC786800E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC786800E ONSEMI-LC786800E Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
LC786800E-H ONSEMI-LC786800E-H Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
More results

Similar Description - LC786800E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E_16 Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
LC786800E ONSEMI-LC786800E Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
   Vinculum VNC1L Embedded USB Host Controller IC
logo
Princeton Technology Co...
PT8921 PTC-PT8921_10 Datasheet
481Kb / 4P
   Smart Audio Combo-Station with USB Mini-Host & SD/MMC Host Interface Controller
PT8921 PTC-PT8921 Datasheet
484Kb / 4P
   Smart Audio Combo-Station with USB Mini-Host & SD/MMC Host Interface Controller
logo
Future Technology Devic...
VNC2-64L1B-REEL FTDI-VNC2-64L1B-REEL Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-48Q1B-TRAY FTDI-VNC2-48Q1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com