Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

Z16F2810FI20EG Datasheet(PDF) 4 Page - Zilog, Inc.

Part No. Z16F2810FI20EG
Description  Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z16F2810FI20EG Datasheet(HTML) 4 Page - Zilog, Inc.

  Z16F2810FI20EG Datasheet HTML 1Page - Zilog, Inc. Z16F2810FI20EG Datasheet HTML 2Page - Zilog, Inc. Z16F2810FI20EG Datasheet HTML 3Page - Zilog, Inc. Z16F2810FI20EG Datasheet HTML 4Page - Zilog, Inc. Z16F2810FI20EG Datasheet HTML 5Page - Zilog, Inc. Z16F2810FI20EG Datasheet HTML 6Page - Zilog, Inc. Z16F2810FI20EG Datasheet HTML 7Page - Zilog, Inc. Z16F2810FI20EG Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZNEO® Z16F sEriEs Flash miCrOCONTrOllEr
high-pErFOrmaNCE 16-BiT Flash sOluTiON
4
ZNEO Z16F Development Tool Support
The ZNEO Z16F devices are backed by a comprehensive development tools package that includes all the
necessary design essentials to get your application up and running in record time.
• ZNEO® Z16F Series Development Board
• USB Smart Cable for PC to ZNEO® Z16F Series
• 5 V DC power supply
The ZNEO Z16F Series is also supported by ZDS II—Zilog’s Integrated Development Environment (IDE) with
ANSI C-Compiler (available on www.zilog.com). The ZDS II IDE includes:
• Sample Code
• Product Specifications (Data Sheets)
• Product Briefs
• ZNEO® CPU User Manual
Hardware Tools & part Number Ordering Information
• ZNEO® Z16F Series Development Kit (part #: Z16F2800100ZCOG)
• Opto-Isolated USB Smart Cable Accessory Kit (part #: ZUSBOPTSC01ZACG)
• USB Smart Cable Accessory Kit (part #: ZUSBSC00100ZACG)
• Ethernet Smart Cable Accessory Kit (part #: ZENETSC0100ZACG)
ZNEO Z16F Design Architecture
pB019206-0907
ZNEO Z16F Block Diagram & System Flow chart
16-BiT EmBEddEd Flash sOluTiONs
WDT with
RC Oscillator
Multi-Channel
PWM Timers
POR/VBO
& Reset Control
Operational
Amplifier
3 x Timer
I2C
ESPI
ZNEO Z16F
20 MHz
CPU
Crystal/RC
Oscillator
On-Chip
Debugger
DMA
Controller
Interrupt
Controller
Flash
Controller
RAM
Controller
128 KB
4 KB
A
F
Ports/
External
Interface
K
J
2 x LIN-UART
with IrDA
ADC 10-bit
12-Channel
Comparator
B
C
D
E
G
H


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn