Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

Z16F2810FI20EG Datasheet(PDF) 2 Page - Zilog, Inc.

Part No. Z16F2810FI20EG
Description  Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z16F2810FI20EG Datasheet(HTML) 2 Page - Zilog, Inc.

  Z16F2810FI20EG Datasheet HTML 1Page - Zilog, Inc. Z16F2810FI20EG Datasheet HTML 2Page - Zilog, Inc. Z16F2810FI20EG Datasheet HTML 3Page - Zilog, Inc. Z16F2810FI20EG Datasheet HTML 4Page - Zilog, Inc. Z16F2810FI20EG Datasheet HTML 5Page - Zilog, Inc. Z16F2810FI20EG Datasheet HTML 6Page - Zilog, Inc. Z16F2810FI20EG Datasheet HTML 7Page - Zilog, Inc. Z16F2810FI20EG Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZNEO® Z16F sEriEs Flash miCrOCONTrOllEr
high-pErFOrmaNCE 16-BiT Flash sOluTiON
16-BiT EmBEddEd Flash sOluTiONs
ZNEO Z16F Flash Controller Detailed Feature Set
ZNEO cpu cOrE
Zilog’s ZNEO Z16F CPU meets the continuing demand for faster and more code-efficient microcontrollers.
The ZNEO Z16F CPU features are as follows:
• Pipelined architecture: Fetch, Decode, and Execute
• 16 MB of Program memory address space for object code and data with 8- or 16-bit data paths
• 8-, 16-, and 32-bit ALU operations
• 24-bit stack with overflow protection
• Direct register-to-register architecture allows each memory address to function as an
accumulator. This improves execution time and decreases the required program memory
• New instructions improve execution efficiency for code developed using higher-level
programming languages including ‘C’
For more information on the core architecture, please refer to the ZNEO Z16F CPU User Manual (UM0188)
available for download at www.zilog.com.
on
-chip flash memory
The products in the ZNEO Z16F Series feature up to 128 KB of non-volatile Flash memory with read/write/
erase capability. The Flash memory is programmed and erased in-circuit by either user code or through the
On-Chip Debugger (OCD). The Flash memory array is arranged in 2 KB pages. The 2 KB page is the mini-
mum Flash block size that is erased. The Flash memory is also divided into eight sectors, which is protected
from programming and erase operations on a per sector basis.
analog peripherals
The ZNEO Z16F Series devices include a 12-channel ADC. The ADC converts an analog input signal to a
10-bit binary number. The features of the successive approximation ADC include:
• 12 analog input sources multiplexed with GPIO ports.
• 2.5 μs conversion time
• Automatic Time-Tag of results
• Programmable timing controls
The ZNEO Z16F devices feature a general-purpose comparator and an operational amplifier.
• Moderate speed comparator (200 ns propagation delay) with a maximum input offset of 5 mV
• Two-input, one-output operational amplifier with a typical open loop gain of 10,000 (80 dB)
communication peripherals
The ZNEO Z16F devices feature a rich array of communication peripherals, including:
• 2 UARTs
- LIN Master/Slave
- IrDA Encoder/Decoder
- Multiprocessor 9-bit Mode
• Enhanced SPI (ESPI)
• I2C Master/Slave
pB019206-0907
2
key hardware features
zneo cpu core
on-chip flash memory
analog peripherals
communication peripherals


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn