Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0325.010MXP Datasheet(PDF) 2 Page - Littelfuse

Part # 0325.010MXP
Description  325/326 Series Lead-Free 3AB, Slo-Blo짰 Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0325.010MXP Datasheet(HTML) 2 Page - Littelfuse

  0325.010MXP Datasheet HTML 1Page - Littelfuse 0325.010MXP Datasheet HTML 2Page - Littelfuse 0325.010MXP Datasheet HTML 3Page - Littelfuse 0325.010MXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: December 6, 2012
Axial Lead & Cartridge Fuses
325/326 Series
3AB > Time Lag > 325/326 Series
Please refer to www.littelfuse.com/series/325.html
or /326.html for current information.
Amp Code
Ampere
Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Agency Approvals
PS
E
.010
0.01
250
100A@250Vac
3324.8000
0.00148
x
.031
0.031
250
332.5000
0.0110
x
.062
0.062
250
91.7000
0.0276
x
.100
0.1
250
33.5500
0.0870
x
.125
0.125
250
22.4500
0.100
x
.150
0.15
250
15.4500
0.143
x
.175
0.175
250
8.9200
0.220
x
.187
0.187
250
7.7250
0.230
x
.200
0.2
250
6.7700
0.213
x
.250
0.25
250
100A@250Vac
10KA@125Vac
10KA@125Vdc
4.4300
0.432
x
x
x
.300
0.3
250
3.2200
0.690
x
x
x
.375
0.375
250
2.1550
1.20
x
x
x
.400
0.4
250
1.9350
1.33
x
x
x
.500
0.5
250
1.3000
2.50
x
x
x
.600
0.6
250
0.9495
3.90
x
x
x
.700
0.7
250
0.7215
6.42
x
x
x
.750
0.75
250
0.6410
7.00
x
x
x
.800
0.8
250
0.5725
8.20
x
x
x
001.
1
250
0.3890
16.3
x
x
x
x
01.2
1.2
250
0.2860
22.0
x
x
x
x
1.25
1.25
250
0.2680
24.0
x
x
x
x
01.5
1.5
250
0.1975
40.1
x
x
x
x
01.6
1.6
250
0.1760
45.0
x
x
x
x
002.
2
250
0.1210
80.0
x
x
x
x
02.5
2.5
250
0.0835
136.0
x
xxxx
02.8
2.8
250
0.0695
170.0
x
xxxx
003.
3
250
0.0605
200.0
x
xxxx
03.2
3.2
250
100A@250Vac
10KA@125Vac
0.0539
214.0
x
xxxx
004.
4
250
400A@250Vac
10KA@125Vac
0.0761
9.71
x
x
x
x
005.
5
250
0.0522
25.0
x
x
x
x
6.25
6.25
250
0.0346
60.4
x
x
x
x
007.
7
250
0.0227
47.3
x
xxxx
008.
8
250
0.0193
67.1
x
xxxx
010.
10
250
0.0132
137
x
xxxx
012.
12
250
400A@250Vac
10KA@125Vac
600A@125Vdc
0.0067
129
x
x
x
x
x
012.*
12
250
1500A@250Vac
0.0011
445
x
x
x
015.
15
250
400A@250Vac
10KA@125Vac
600A@125Vdc
0.0050
245
x
x
x
x
x
015.*
15
250
1500A@250Vac
0.0083
760
x
x
x
020.
20
250
400A@250Vac
10KA@125Vac
600A@125Vdc
0.0034
575
x
x
x
x
x
020.*
20
250
1500A@250Vac
0.0042
2500
xx
x
025.
25
250
400A@250Vac
10KA@60Vdc
600A@125Vdc
0.0024
1030
x
x
x
x
030.
30
250
0.0019
1690
x
x
x
x
Electrical Characteristic Specifications by Item
*Higher i2t version available. Please add suffix “D” to part numbers. For instance, 0325020.MXDP, 0326020.MXDP
I
2t test at 10x rated current.


Similar Part No. - 0325.010MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0325.010H LITTELFUSE-0325.010H Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
0325.010H-ND LITTELFUSE-0325.010H-ND Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
More results

Similar Description - 0325.010MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0326.600H LITTELFUSE-0326.600H Datasheet
42Kb / 1P
   3AB Slo-Blo짰 Fuse 325/326/390 Series
326 LITTELFUSE-326 Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
02291.25HXP LITTELFUSE-02291.25HXP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
2205 LITTELFUSE-2205 Datasheet
905Kb / 3P
   2205 Series, Lead-Free 2AG, Slo-Blo짰 Fuse
0229.375HXSP LITTELFUSE-0229.375HXSP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
0313.010HXP LITTELFUSE-0313.010HXP Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
   Lead-Free 3AB Fuse
0209.250MXP LITTELFUSE-0209.250MXP Datasheet
454Kb / 4P
   209 Series Lead-Free 2AG, Slo-Blo짰 (Time-Lag) Fuse
0314.125HXP LITTELFUSE-0314.125HXP Datasheet
191Kb / 3P
   314/324 Series Lead-free 3AB, Fast-acting Fuse
E10480 LITTELFUSE-E10480 Datasheet
449Kb / 4P
   328 Series, Lead-Free 3AB, High Surge Withstanding Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com