Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ10009 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJ10009
Description  20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10009 Datasheet(HTML) 3 Page - Motorola, Inc

  MJ10009 Datasheet HTML 1Page - Motorola, Inc MJ10009 Datasheet HTML 2Page - Motorola, Inc MJ10009 Datasheet HTML 3Page - Motorola, Inc MJ10009 Datasheet HTML 4Page - Motorola, Inc MJ10009 Datasheet HTML 5Page - Motorola, Inc MJ10009 Datasheet HTML 6Page - Motorola, Inc MJ10009 Datasheet HTML 7Page - Motorola, Inc MJ10009 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJ10009
3
Motorola Bipolar Power Transistor Device Data
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
20
0.2
1
2
200
100
60
Figure 2. Collector Saturation Region
3
0.03
IB, BASE CURRENT (AMP)
1
0.05
0.1
0.2
0.5
1
2
3
2.6
2.2
1.8
1.4
TJ = 25°C
400
TJ = 150°C
VCE = 5 V
40
0.5
5
10
20
25
°C
IC = 5 A
10 A
20 A
VBE, BASE–EMITTER VOLTAGE (VOLTS)
104
103
102
101
100
0
+ 0.2
– 0.2
VCE = 250 V
TJ = 125°C
100
°C
25
°C
Figure 3. Collector–Emitter Saturation Voltage
2.4
0.2
IC, COLLECTOR CURRENT (AMP)
0.4
0.3
0.5 0.7
1
2
5
20
2
1.6
1.2
0.8
IC/IB = 10
TJ = – 55°C
7
3
Figure 4. Base-Emitter Voltage
2.8
IC, COLLECTOR CURRENT (AMP)
0.8
0.2 0.3
0.5 0.7
2.4
2
1.6
1.2
Figure 5. Collector Cutoff Region
0.4
Figure 6. Output Capacitance
VR, REVERSE VOLTAGE (VOLTS)
50
1
2
20
60
10
0.6
200
70
TJ = 25°C
Cob
1000
500
100
100
200
400
10
25
°C
150
°C
2
5
20
7
3
10
1
25
°C
150
°C
25
°C
TJ = – 55°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 3 V
75
°C
10–1
+ 0.4
+ 0.8
+ 0.6
4
6
40
700
300
REVERSE
FORWARD
TYPICAL CHARACTERISTICS


Similar Part No. - MJ10009

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10009 MOSPEC-MJ10009 Datasheet
189Kb / 4P
   POWER TRANSISTORS(20A,400-500V,175W)
logo
ON Semiconductor
MJ10009 ONSEMI-MJ10009 Datasheet
235Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995 REV 2
logo
Wing Shing Computer Com...
MJ10009 WINGS-MJ10009 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10009 BOCA-MJ10009 Datasheet
196Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS WITH BASE-EMITTER SPEEDUP DIODE
logo
New Jersey Semi-Conduct...
MJ10009 NJSEMI-MJ10009 Datasheet
101Kb / 2P
   NPN SILICON POWER DARLINGTON TRANSISTORS WITH BASE-EMITTER SPEEDUP DIODE
More results

Similar Description - MJ10009

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ10000 MOTOROLA-MJ10000 Datasheet
212Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJ13333 MOTOROLA-MJ13333 Datasheet
278Kb / 8P
   20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
MJ16010 MOTOROLA-MJ16010 Datasheet
548Kb / 10P
   15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
   50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
MJE16002 MOTOROLA-MJE16002 Datasheet
425Kb / 10P
   5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
   7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
BU323A MOTOROLA-BU323A Datasheet
239Kb / 6P
   16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com