Electronic Components Datasheet Search |
|
MJ10009 Datasheet(PDF) 2 Page - Motorola, Inc |
|
MJ10009 Datasheet(HTML) 2 Page - Motorola, Inc |
2 / 8 page MJ10009 2 Motorola Bipolar Power Transistor Device Data ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Collector Emitter Sustaining Voltage (Table 1) (IC = 100 mA, IB = 0, Vclamp = Rated VCEO) VCEO(sus) 500 — — Vdc Collector Emitter Sustaining Voltage (Table 1, Figure 12) (IC = 2 A, Vclamp = Rated VCEX, TC = 100_C, VBE(off) = 5 V) (IC = 10 A, Vclamp = Rated VCEX, TC = 100_C, VBE(off) = 5 V) VCEX(sus) 500 375 — — — — Vdc Collector Cutoff Current (VCEV = Rated Value, VBE(off) = 1.5 Vdc) (VCEV = Rated Value, VBE(off) = 1.5 Vdc, TC = 150_C) ICEV — — — — 0.25 5 mAdc Collector Cutoff Current (VCE = Rated VCEV, RBE = 50 Ω, TC = 100_C) ICER — — 5 mAdc Emitter Cutoff Current (VEB = 2 Vdc, IC = 0) IEBO — — 175 mAdc SECOND BREAKDOWN Second Breakdown Collector Current with base forward biased IS/b See Figure 11 ON CHARACTERISTICS (2) DC Current Gain (IC = 5 Adc, VCE = 5 Vdc) (IC = 10 Adc, VCE = 5 Vdc) hFE 40 30 — — 400 300 — Collector–Emitter Saturation Voltage (IC = 10 Adc, IB = 500 mAdc) (IC = 20 Adc, IB = 2 Adc) (IC = 10 Adc, IB = 500 mAdc, TC = 100_C) VCE(sat) — — — — — — 2 3.5 2.5 Vdc Base–Emitter Saturation Voltage (IC = 10 Adc, IB = 500 mAdc) (IC = 10 Adc, IB = 500 mAdc, TC = 100_C) VBE(sat) — — — — 2.5 2.5 Vdc Diode Forward Voltage (1) (IF = 10 Adc) Vf — 3 5 Vdc DYNAMIC CHARACTERISTICS Small–Signal Current Gain (IC = 1 Adc, VCE = 10 Vdc, ftest = 1 MHz) hfe 8 — — — Output Capacitance (VCB = 10 Vdc, IE = 0, ftest = 100 kHz) Cob 100 — 325 pF SWITCHING CHARACTERISTICS Resistive Load (Table 1) Delay Time (VCC = 250 Vdc, IC = 10 A, IB1 = 500 mA, VBE(off) = 5 Vdc, tp = 25 µs Duty Cycle v 2%). td — 0.12 0.25 µs Rise Time (VCC = 250 Vdc, IC = 10 A, IB1 = 500 mA, VBE(off) = 5 Vdc, tp = 25 µs Duty Cycle v 2%). tr — 0.5 1.5 µs Storage Time IB1 = 500 mA, VBE(off) = 5 Vdc, tp = 25 µs Duty Cycle v 2%). ts — 0.8 2.0 µs Fall Time v 2%). tf — 0.2 0.6 µs Inductive Load, Clamped (Table 1) Storage Time (IC = 10 A(pk), Vclamp = 250 V, IB1 = 500 mA, VBE(off) = 5 Vdc, TC = 100_C) tsv — 1.5 3.5 µs Crossover Time (IC = 10 A(pk), Vclamp = 250 V, IB1 = 500 mA, VBE(off) = 5 Vdc, TC = 100_C) tc — 0.36 1.6 µs Storage Time (IC = 10 A(pk), Vclamp = 250 V, IB1 = 500 mA, VBE(off) = 5 Vdc) tsv — 0.8 — µs Crossover Time (IC = 10 A(pk), Vclamp = 250 V, IB1 = 500 mA, VBE(off) = 5 Vdc) tc — 0.18 — µs (1) The internal Collector–to–Emitter diode can eliminate the need for an external diode to clamp inductive loads. (1) Tests have shown that the Forward Recovery Voltage (Vf) of this diode is comparable to that of typical fast recovery rectifiers. (2) Pulse Test: PW = 300 µs, Duty Cycle ≤ 2%. |
Similar Part No. - MJ10009 |
|
Similar Description - MJ10009 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |