Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN8935A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # EN8935A
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN8935A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  EN8935A Datasheet HTML 1Page - Sanyo Semicon Device EN8935A Datasheet HTML 2Page - Sanyo Semicon Device EN8935A Datasheet HTML 3Page - Sanyo Semicon Device EN8935A Datasheet HTML 4Page - Sanyo Semicon Device EN8935A Datasheet HTML 5Page - Sanyo Semicon Device EN8935A Datasheet HTML 6Page - Sanyo Semicon Device EN8935A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MCH6444
No.8935-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
35
V
Zero-Gate Voltage Drain Current
IDSS
VDS=35V, VGS=0V
1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
1.2
2.6
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=1.5A
1.7
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=1.5A, VGS=10V
75
98
RDS(on)2
ID=0.75A, VGS=4.5V
118
166
RDS(on)3
ID=0.75A, VGS=4V
143
201
Input Capacitance
Ciss
VDS=20V, f=1MHz
186
pF
Output Capacitance
Coss
36
pF
Reverse Transfer Capacitance
Crss
22
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
4.2
ns
Rise Time
tr
4.7
ns
Turn-OFF Delay Time
td(off)
15
ns
Fall Time
tf
5.7
ns
Total Gate Charge
Qg
VDS=20V, VGS=10V, ID=2.5A
4nC
Gate-to-Source Charge
Qgs
0.9
nC
Gate-to-Drain “Miller” Charge
Qgd
0.7
nC
Diode Forward Voltage
VSD
IS=2.5A, VGS=0V
0.86
1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
MCH6444-TL-H
MCPH6
3,000pcs./reel
Pb Free and Halogen Free
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=1.5A
RL=10Ω
VDD=15V
VOUT
VIN
10V
0V
VIN
MCH6444


Similar Part No. - EN8935A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN8933A SANYO-EN8933A Datasheet
534Kb / 7P
   General-Purpose Switching Device Applications
EN8934A SANYO-EN8934A Datasheet
482Kb / 7P
   General-Purpose Switching Device Applications
EN8936A SANYO-EN8936A Datasheet
580Kb / 7P
   Wideband Amplifier
More results

Similar Description - EN8935A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com