Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

03152.25MXP Datasheet(PDF) 1 Page - Littelfuse

Part No. 03152.25MXP
Description  313/315 Series Lead-Free 3AG, Slo-Blo® Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

03152.25MXP Datasheet(HTML) 1 Page - Littelfuse

  03152.25MXP Datasheet HTML 1Page - Littelfuse 03152.25MXP Datasheet HTML 2Page - Littelfuse 03152.25MXP Datasheet HTML 3Page - Littelfuse 03152.25MXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
317
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
313/315 Series
3AG > Time Lag > 313/315 Series
Please refer to www.littelfuse.com/series/313.html
or /315.html for current information.
313/315 Series Lead-Free 3AG, Slo-Blo® Fuse
The 3AG Slo-Blo® fuse solves a broad range of application
requirements while offering reliable performance and cost-
effective circuit protection.
The fuse catalog number with the suffix “ID” instantly
identifies itself upon opening by showing a discoloration
of its glass body. Guesswork and time consuming circuit
testing are eliminated. This unique design offers the same
quality performance characteristics as the standard 3AG
Slo-Blo® Fuse design.
Agency Approvals
Agency
Agency File Number
Ampere Range
E10480
10mA - 10A**
LR 29862
10mA - 10A**/15A**
E10480
10A - 30A
PS
E
NBK 040205-
E10480B/D/F/G/H
1A - 10A**/ 15A**
SU05001-
5007/5008/5009/6004
2.25A - 8A
10mA - 10A**/15A**
Features
Electrical Characteristics by Series
Standard 248-14
and axial lead format
and with various
forming dimensions
Lead-free
Applications
Used as supplementary protection in appliance or
utilization equipment to provide individual protection for
components or internal circuits.
% of Ampere
Rating
Ampere Rating
OpeningTime
100%
10mA – 30A
4 hours, Minimum
135%
10mA – 30A
1 hour, Maximum
200%
10mA – 15A
5 sec., Min.,
30 sec., Max
20A – 30A
5 sec., Min.,
60 sec Max
PS
E
Description
Revised: April 26, 2011


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn