Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9250-170EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9250-170EBZ
Description  14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250-170EBZ Datasheet(HTML) 3 Page - Analog Devices

  AD9250-170EBZ Datasheet HTML 1Page - Analog Devices AD9250-170EBZ Datasheet HTML 2Page - Analog Devices AD9250-170EBZ Datasheet HTML 3Page - Analog Devices AD9250-170EBZ Datasheet HTML 4Page - Analog Devices AD9250-170EBZ Datasheet HTML 5Page - Analog Devices AD9250-170EBZ Datasheet HTML 6Page - Analog Devices AD9250-170EBZ Datasheet HTML 7Page - Analog Devices AD9250-170EBZ Datasheet HTML 8Page - Analog Devices AD9250-170EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Data Sheet
AD9250
Rev. 0 | Page 3 of 44
GENERAL DESCRIPTION
The AD9250 is a dual, 14-bit ADC with sampling speeds of up
to 250 MSPS. The AD9250 is designed to support communications
applications where low cost, small size, wide bandwidth, and
versatility are desired.
The ADC cores feature a multistage, differential pipelined
architecture with integrated output error correction logic. The
ADC cores feature wide bandwidth inputs supporting a variety
of user-selectable input ranges. An integrated voltage reference
eases design considerations. A duty cycle stabilizer is provided
to compensate for variations in the ADC clock duty cycle, allowing
the converters to maintain excellent performance. The JESD204B
high speed serial interface reduces board routing requirements
and lowers pin count requirements for the receiving device.
By default, the ADC output data is routed directly to the two
JESD204B serial output lanes. These outputs are at CML voltage
levels. Four modes support any combination of M = 1 or 2 (single
or dual converters) and L = 1 or 2 (one or two lanes). For dual
ADC mode, data can be sent through two lanes at the maximum
sampling rate of 250 MSPS. However, if data is sent through
one lane, a sampling rate of up to 125 MSPS is supported.
Synchronization inputs (SYNCINB± and SYSREF±) are provided.
Flexible power-down options allow significant power savings,
when desired. Programmable overrange level detection is
supported for each channel via the dedicated fast detect pins.
Programming for setup and control are accomplished using a
3-wire SPI-compatible serial interface.
The AD9250 is available in a 48-lead LFCSP and is specified
over the industrial temperature range of −40°C to +85°C. This
product is protected by a U.S. patent.


Similar Part No. - AD9250-170EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9250-170EBZ AD-AD9250-170EBZ Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
More results

Similar Description - AD9250-170EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9697 AD-AD9697 Datasheet
1Mb / 130P
   14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com