Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TGL2201-SM Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part No. TGL2201-SM
Description  Wideband Dual Stage VPIN Limiter
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TGL2201-SM Datasheet(HTML) 2 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TGL2201-SM
Wideband Dual Stage VPIN Limiter
Preliminary Data Sheet: Rev C
7/24/12
- 2 of 11 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Specifications
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-55 to 150
oC
RF Input Power, CW, 50 ,T = 25ºC
37 dBm
Mounting Temperature
260
oC
Operation of this device outside the parameter ranges given
above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
Passive – no bias
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
Test conditions unless otherwise noted: 25ºC
Parameter
Conditions
Min
Typical
Max
Units
Operational Frequency Range
2
12
GHz
Insertion Loss
0.5
1.0
dB
Input Return Loss
10
12
dB
Output Return Loss
10
12
dB
Output Power
Input Power =
27dBm
+18
dBm


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn