Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TGL2201-SM Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part No. TGL2201-SM
Description  Wideband Dual Stage VPIN Limiter
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TGL2201-SM Datasheet(HTML) 10 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TGL2201-SM
Wideband Dual Stage VPIN Limiter
Preliminary Data Sheet: Rev C
7/24/12
© 2012 TriQuint Semiconductor, Inc.
Product Compliance Information
ESD Information
ESD Rating:
Class 1B
Value:
500 V and < 1000 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating
Level 3 at +260 °C convection reflow
The part is rated Moisture Sensitivity Level 3
JEDEC standard IPC/JEDEC J-STD-020.
Recommended Soldering Temperature Profile
Wideband Dual Stage VPIN Limiter
- 10 of 11 -
Disclaimer: Subject to change without
Connecting the Digital World to the
Product Compliance Information
Human Body Model (HBM)
A114
Solderability
Compatible with the latest version of J
free solder, 260°
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
Lead Free
Halogen Free (Chlorine, Bromine)
Antimony Free
TBBP-A (C15H12Br402) Free
PFOS Free
SVHC Free
ated Moisture Sensitivity Level 3 at 260°C per
Recommended Soldering Temperature Profile
imer: Subject to change without notice
Connecting the Digital World to the Global Network®
Compatible with the latest version of J-STD-020, Lead
compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
Halogen Free (Chlorine, Bromine)
) Free


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn