Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TGL2201-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part No. TGL2201-SM
Description  Wideband Dual Stage VPIN Limiter
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TGL2201-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TGL2201-SM
Wideband Dual Stage VPIN Limiter
Preliminary Data Sheet: Rev C
7/24/12
- 1 of 11 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Applications
LNA Receiver Chain Protection
Military Radar
Product Features
Functional Block Diagram
2-12 GHz Passive, High Isolation Limiter
Low Loss < 1.0 dB , X-band
Return Loss > 10 dB
Flat Leakage < 18 dBm
Input Power CW Survivability up to 5W
Integrated DC Block on both input and output
Package dimensions 3.0 x 3.0 x 1.35 mm
General Description
Pin Configuration
The TriQuint TGL2201-SM is a packaged dual stage GaAs
VPIN Limiter that operates over the 2 to 12 GHz band.
Vertical PIN diodes provide the limiting action at high
input signal levels and low loss at small signals.
The TGL2201-SM is suitable for a variety of wideband
systems such as LNA/receiver protection in radars, phased
arrays, and jammers.
Lead-free and RoHS compliant
Pin #
Symbol
6, 7
RF IN/OUT
14, 15
RF OUT/IN
5, 8, 13, 16
N/C
2, 3, 10, 11
N/C
1, 4, 9, 12
GND
Ordering Information
Part No.
ECCN
Description
TGL2201-SM
EAR99
Wideband VPIN Limiter
TGL2201-SM T/R
Wideband VPIN Limiter T/R
Standard Order Quantity = 100 pieces in a waffle pack
Standard T/R size = 500 pieces on a 7” reel.
12
11
10
9
16
15
14
13
5
6
7
8
1
2
3
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn