Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TGL2201-SM Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part No. TGL2201-SM
Description  Wideband Dual Stage VPIN Limiter
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TGL2201-SM Datasheet(HTML) 5 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TGL2201-SM
Wideband Dual Stage VPIN Limiter
Preliminary Data Sheet: Rev C
7/24/12
- 5 of 11 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Pin Description
Pin
Symbol
Description
6, 7
RF
IN/OUT
Input or output, matched to 50 ohms
5, 8, 13, 16
N/C
No internal connection; should be left open on PCB
14, 15
RF
OUT/IN
Output or input, matched to 50 ohms
2, 3, 10, 11,
N/C
No internal connection; may be grounded or left open on PCB
1, 4, 9, 12
GND
Pins 1,4,9, and12 connected to 17 (backside paddle) inside package.
17
GND
On PCB, multiple vias should be employed under 17 to minimize inductance and thermal
resistance; see page 8 for suggested mounting configuration.
17


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn