Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TGL2201-SM Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part No. TGL2201-SM
Description  Wideband Dual Stage VPIN Limiter
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TGL2201-SM Datasheet(HTML) 3 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TGL2201-SM
Wideband Dual Stage VPIN Limiter
Preliminary Data Sheet: Rev C
7/24/12
- 3 of 11 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Typical Performance
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10
12
14
16
18
20
Frequency (GHz)
-55C
+25C
+85C
Insertion Loss vs. Frequency vs. Temperature
0
5
10
15
20
25
30
0
2
4
6
8
10
12
14
16
18
20
Frequency (GHz)
-55C
+25C
+85C
Return Loss vs. Frequency vs. Temperature
0
5
10
15
20
5
10
15
20
25
30
35
40
Input Power (dBm)
-55C
+25C
+85C
Output Power vs. Input Power vs. Temperature
Frequency: 10 GHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn