Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT7461 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TAT7461
Description  75  RF Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT7461 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TAT7461 Datasheet HTML 1Page - TriQuint Semiconductor TAT7461 Datasheet HTML 2Page - TriQuint Semiconductor TAT7461 Datasheet HTML 3Page - TriQuint Semiconductor TAT7461 Datasheet HTML 4Page - TriQuint Semiconductor TAT7461 Datasheet HTML 5Page - TriQuint Semiconductor TAT7461 Datasheet HTML 6Page - TriQuint Semiconductor TAT7461 Datasheet HTML 7Page - TriQuint Semiconductor TAT7461 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TAT7461
75 Ω
RF Amplifier
Preliminary Data Sheet: Rev C 04/30/10
- 1 of 8 -
Disclaimer: Subject to change without noticee
© 2010 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
Distribution Amplifiers
Multi-Dwelling Units
Drop Amplifiers
Single-ended Gain Block
SOT-89 package
Product Features
Functional Block Diagram
50-1000 MHz bandwidth
pHEMT device technology
On-chip negative feedback providing excellent gain
and return loss consistency.
On-chip active bias for consistent bias current and
repeatable performance.
Simple external tuning allows excellent return loss.
6 V supply voltage
130 mA typical current consumption
16.1 dB typical gain
2.3 dB typical NF and < 2.6 dB up to 1000 MHz
+39 dBm typical OIP3
+22 dBm typical P1dB
Low distortion: CSO -72 dBc, CTB -88 dBc
(26 dBmV/ch at output, 80 ch)
SOT-89 package
General Description
Pin Configuration
The TAT7461 is a 75 Ω RF Amplifier designed for CATV
applications to 1000 MHz.
The balance of low noise,
excellent distortion, and high-gain is applicable for drop
and other distribution amplifiers.
The TAT7461 is fabricated using 6-inch GaAs pHEMT
technology to optimize performance and cost. It provides
consistent gain and return loss from the use of extensive
on-chip negative feedback. The TAT7461 also uses an on-
chip active bias for consistent bias current and repeatable
performance. Simple external tuning allows the TAT7461
to achieve excellent return loss.
Ordering Information
Part No.
Description
TAT7461
75 Ω High linearity pHEMT amplifier
(lead-free/RoHS compliant SOT-89 Pkg)
TAT7461-EB
Amplifier Evaluation Board
Standard T/R size = 1000 pieces on a 7” reel.
Pin #
Symbol
1
RF IN
2
GND
3
RF OUT
4
GND PADDLE
4
RF IN
GND
RFOUT


Similar Part No. - TAT7461

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7461 TRIQUINT-TAT7461 Datasheet
499Kb / 7P
   75 Ohm RF Amplifier 50 1000 MHz
TAT7461-EVB TRIQUINT-TAT7461-EVB Datasheet
499Kb / 7P
   75 Ohm RF Amplifier 50 1000 MHz
TAT7461 TRIQUINT-TAT7461_15 Datasheet
499Kb / 7P
   75 Ohm RF Amplifier 50 1000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com