Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT7430B-EB Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TAT7430B-EB
Description  CATV 75 廓 pHEMT High Gain RF Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT7430B-EB Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TAT7430B-EB Datasheet HTML 1Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 2Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 3Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 4Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 5Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 6Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAT7430B
CATV 75 Ω pHEMT High Gain RF Amplifier
Application Board Typical Performance
Case temperature noted on graphs. Vsupply = 8V, Icc=190 mA.
15
17
19
21
23
25
50
250
450
650
850
1050
1250
Frequency (MHz)
Gain
-40°C
-36
-30
-24
-18
-12
-6
50
250
450
650
850
1050
1250
Frequency (MHz)
Input Return Loss
+85°C
+25°C
−40°C
+85°C
+25°C
-30
-24
-18
-12
-6
0
50
250
450
650
850
1050
1250
Frequency (MHz)
Output Return Loss
-80
-75
-70
-65
-60
-55
60
160
260
360
460
560
Frequency (MHz)
CSO
+25°C
+85°C
+85°C
+25°C
−40°C
−40°C
-90
-86
-82
-78
-74
-70
60
160
260
360
460
560
Frequency (MHz)
CTB
0
1
2
3
4
50
250
450
650
850
1050
1250
Frequency (MHz)
Noise Figure
+85°C
+25°C
−40°C
+85°C
+25°C
−40°C
Data Sheet: Rev B 03/08/11
- 4 of 7 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®


Similar Part No. - TAT7430B-EB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7430B-EB TRIQUINT-TAT7430B-EB Datasheet
388Kb / 7P
   CATV 75 HEMT High Gain RF Amplifier
logo
Qorvo, Inc
TAT7430B-EB QORVO-TAT7430B-EB Datasheet
378Kb / 7P
   CATV 75 pHEMT High Gain RF Amplifier
More results

Similar Description - TAT7430B-EB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TAT7430B QORVO-TAT7430B Datasheet
378Kb / 7P
   CATV 75 pHEMT High Gain RF Amplifier
TAT7467E1F QORVO-TAT7467E1F Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B_15 Datasheet
388Kb / 7P
   CATV 75 HEMT High Gain RF Amplifier
QPB7464 TRIQUINT-QPB7464 Datasheet
1Mb / 11P
   CATV 75(ohm) pHEMT Dual RF Amplifier
TAT7427B TRIQUINT-TAT7427B Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75 廓, 50-1200 MHz
logo
RF Micro Devices
RFCA3828 RFMD-RFCA3828 Datasheet
1Mb / 12P
   75廓 High Linearity pHEMT MMIC Amplifier
logo
Qorvo, Inc
QPL1812 QORVO-QPL1812 Datasheet
1Mb / 11P
   75廓 CATV,19dB Gain, Single Ended Amplifier, 50 ??1800MHz
QPB7400 QORVO-QPB7400 Datasheet
962Kb / 13P
   CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
QPL1815 QORVO-QPL1815 Datasheet
1Mb / 10P
   75廓 CATV Amplifier 50 ??1800MHz
Oct 21 , 2020
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
   75廓 CATV Amplifier 50 ??1800MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com