Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO49FCT32806ACU Datasheet(PDF) 6 Page - Potato Semiconductor Corporation

Part # PO49FCT32806ACU
Description  Potato Semiconductor?셲 PO49FCT32806A is designed for world top performance using submicron CMOS technology to achieve 700MHz TTL output frequency with less than 200ps output pulse skew.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49FCT32806ACU Datasheet(HTML) 6 Page - Potato Semiconductor Corporation

  PO49FCT32806ACU Datasheet HTML 1Page - Potato Semiconductor Corporation PO49FCT32806ACU Datasheet HTML 2Page - Potato Semiconductor Corporation PO49FCT32806ACU Datasheet HTML 3Page - Potato Semiconductor Corporation PO49FCT32806ACU Datasheet HTML 4Page - Potato Semiconductor Corporation PO49FCT32806ACU Datasheet HTML 5Page - Potato Semiconductor Corporation PO49FCT32806ACU Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Packaging Mechanical Drawing: 20 pin SSOP
.272
.295
.078
.002
SEATING
PLANE
.0098
Max.
.0256
BSC
1
20
.197
.220
0.25
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.050
5.00
5.60
2.00
6.90
7.50
0.65
Max
Min
.022
.037
.004
.009
.291
.322
7.40
8.20
0.55
0.95
0.09
0.25
1.2V - 3.6V Dual 1:5 CMOS Invert Clock Driver
700MHz TTL/CMOS Potato Chip
6
01/01/10
Potato Semiconductor Corporation
PO49FCT32806B
www.potatosemi.com
IC Ordering Information
Top-Marking
Ordering Code
Package
Pb-free & Green
PO49FCT32806ACU for Tube
PO49FCT32806ACR for Tape & Reel
PO49FCT32806AC
PO49FCT32806AC
-40°C to 85°C
-40°C to 85°C
PO49FCT32806AQU for Tube
PO49FCT32806AQR for Tape & Reel
PO49FCT32806AQ
PO49FCT32806AQ
-40°C to 85°C
-40°C to 85°C
PO49FCT32806ASSU for Tube
PO49FCT32806ASSR for Tape & Reel
PO49FCT32806ASS
PO49FCT32806ASS
-40°C to 85°C
-40°C to 85°C
TA
IC Package Information
PACKAGE
C
24
12
Top Left Corner
26 (12”)
1000
43 (20”)
38
20pin 300mil SOIC
CODE
PACKAGE
TYPE
TAPE
WIDTH
TAPE TRAILER
TUBE
TAPE & REEL
LENGTH
TAPE
PITCH
QTY
LENGTH
TAPE LEADER
PER TAPE
QTY
PER
PIN 1 LOCATION
(mm)
(mm)
Q
16
8
Top Left Corner
39 (12”)
3000
64 (20”)
55
20pin 150mil QSOP
SS
16
12
Top Left Corner
26 (12”)
2000
43 (20”)
66
20pin 209mil SSOP
Pb-free & Green
20pin 300mil SOIC
20pin 300mil SOIC
20pin 150mil QSOP
20pin 150mil QSOP
Pb-free & Green
Pb-free & Green
Pb-free & Green
Pb-free & Green
20pin 209mil SSOP
20pin 209mil SSOP


Similar Part No. - PO49FCT32806ACU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT32806G POTATO-PO49FCT32806G Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
logo
Pomona Electronics
PO49FCT32806G POMONA-PO49FCT32806G_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
logo
Potato Semiconductor Co...
PO49FCT32806Q POTATO-PO49FCT32806Q Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT32806S POTATO-PO49FCT32806S Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
More results

Similar Description - PO49FCT32806ACU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49HSTL3803A POTATO-PO49HSTL3803A Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3803G is designed for world top performance using submicron CMOS technology to achieve 500MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3802A POTATO-PO49HSTL3802A Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3802G is designed for world top performance using submicron CMOS technology to achieve 900MHz TTL output frequency with less than 100ps output pulse skew.
PO3B22A POTATO-PO3B22A Datasheet
1Mb / 5P
   Potato Semiconductor?셲 PO3B22A is designed for world top performance using submicron CMOS technology to achieve GHz high bandwidth.
logo
Pomona Electronics
PO74G2309A POMONA-PO74G2309A_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
PO74G304A POMONA-PO74G304A_14 Datasheet
1Mb / 5P
   700MHz TTL/CMOS Potato Chip
PO49FCT32806G POMONA-PO49FCT32806G_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
PO74G2308A POMONA-PO74G2308A_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
logo
List of Unclassifed Man...
PO74G304A ETC2-PO74G304A Datasheet
566Kb / 6P
   700MHz TTL/CMOS Potato Chip
logo
Potato Semiconductor Co...
PO49HSTL3807G POTATO-PO49HSTL3807G_14 Datasheet
396Kb / 5P
   400MHz TTL/CMOS Potato Chip
logo
Pomona Electronics
PO74G38074A POMONA-PO74G38074A_14 Datasheet
1Mb / 5P
   900MHz TTL/CMOS Potato Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com