Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO49FCT32806A Datasheet(PDF) 2 Page - Potato Semiconductor Corporation

Part # PO49FCT32806A
Description  Potato Semiconductor?셲 PO49FCT32806A is designed for world top performance using submicron CMOS technology to achieve 700MHz TTL output frequency with less than 200ps output pulse skew.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49FCT32806A Datasheet(HTML) 2 Page - Potato Semiconductor Corporation

  PO49FCT32806A Datasheet HTML 1Page - Potato Semiconductor Corporation PO49FCT32806A Datasheet HTML 2Page - Potato Semiconductor Corporation PO49FCT32806A Datasheet HTML 3Page - Potato Semiconductor Corporation PO49FCT32806A Datasheet HTML 4Page - Potato Semiconductor Corporation PO49FCT32806A Datasheet HTML 5Page - Potato Semiconductor Corporation PO49FCT32806A Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Maximum Ratings
DC Electrical Characteristics
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
VOH
Output High voltage
Vcc=3V Vin=VIH or VIL, IOH= -8mA
2.4
3
-
V
VOL
Output Low voltage
Vcc=3V Vin=VIH or VIL, IOH=12mA
-
0.3
0.5
V
VIH
Input High voltage
Guaranteed Logic HIGH Level (Input Pin)
2
-
Vcc
V
VIL
Input Low voltage
Guaranteed Logic LOW Level (Input Pin)
-0.5
-
0.8
V
IOZH
High Impedance
Output current
Vcc = 3.6V and Vo = Vcc
-
-
1
uA
IOZL
High Impedance
Output current
Vcc = 3.6V and Vo = 0V
-
-
-1
uA
IIH
Input High current
Vcc = 3.6V and Vin = 3.6V
-
-
1
uA
IIL
Input Low current
Vcc = 3.6V and Vin = 0V
-
-
-1
uA
VIK
Clamp diode voltage
Vcc = Min. And
IIN = -18mA
-
-0.7
-1.2
V
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at Vcc = 3.3V, 25 °C ambient.
3.
This parameter is guaranteed but not tested.
4.
Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5.
VoH = Vcc – 0.6V at rated current
Description
Max
Unit
Storage Temperature
-65 to 150
°C
Operation Temperature
-40 to 85
°C
Operation Voltage
-0.5 to +4.6
V
Input Voltage
-0.5 to Vcc+0.5
V
Output Voltage
-0.5 to Vcc+0.5
V
Note:
stresses greater than listed under
Maximum
Ratings
may
cause
permanent damage to the device. This
is a stress rating only and functional
operation of the device at these or any
other conditions above those indicated
in the operational sections of this
specification is not implied. Exposure
to absolute maximum rating conditions
for extended periods may affect
reliability specification is not implied.
1.2V - 3.6V Dual 1:5 CMOS Invert Clock Driver
700MHz TTL/CMOS Potato Chip
2
01/01/10
Potato Semiconductor Corporation
PO49FCT32806A
www.potatosemi.com


Similar Part No. - PO49FCT32806A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT32806G POTATO-PO49FCT32806G Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
logo
Pomona Electronics
PO49FCT32806G POMONA-PO49FCT32806G_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
logo
Potato Semiconductor Co...
PO49FCT32806Q POTATO-PO49FCT32806Q Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT32806S POTATO-PO49FCT32806S Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
More results

Similar Description - PO49FCT32806A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49HSTL3803A POTATO-PO49HSTL3803A Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3803G is designed for world top performance using submicron CMOS technology to achieve 500MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3802A POTATO-PO49HSTL3802A Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3802G is designed for world top performance using submicron CMOS technology to achieve 900MHz TTL output frequency with less than 100ps output pulse skew.
PO3B22A POTATO-PO3B22A Datasheet
1Mb / 5P
   Potato Semiconductor?셲 PO3B22A is designed for world top performance using submicron CMOS technology to achieve GHz high bandwidth.
logo
Pomona Electronics
PO74G2309A POMONA-PO74G2309A_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
PO74G304A POMONA-PO74G304A_14 Datasheet
1Mb / 5P
   700MHz TTL/CMOS Potato Chip
PO49FCT32806G POMONA-PO49FCT32806G_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
PO74G2308A POMONA-PO74G2308A_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
logo
List of Unclassifed Man...
PO74G304A ETC2-PO74G304A Datasheet
566Kb / 6P
   700MHz TTL/CMOS Potato Chip
logo
Potato Semiconductor Co...
PO49HSTL3807G POTATO-PO49HSTL3807G_14 Datasheet
396Kb / 5P
   400MHz TTL/CMOS Potato Chip
logo
Pomona Electronics
PO74G38074A POMONA-PO74G38074A_14 Datasheet
1Mb / 5P
   900MHz TTL/CMOS Potato Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com