Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74HSTL85353ASU Datasheet(PDF) 6 Page - Potato Semiconductor Corporation

Part # PO74HSTL85353ASU
Description  The PO74HSTL85353A is a low-skew, 1-to-4 differential fanout buffer targeted to meet the requirements of high-performance clock and data distribution applications.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74HSTL85353ASU Datasheet(HTML) 6 Page - Potato Semiconductor Corporation

  PO74HSTL85353ASU Datasheet HTML 1Page - Potato Semiconductor Corporation PO74HSTL85353ASU Datasheet HTML 2Page - Potato Semiconductor Corporation PO74HSTL85353ASU Datasheet HTML 3Page - Potato Semiconductor Corporation PO74HSTL85353ASU Datasheet HTML 4Page - Potato Semiconductor Corporation PO74HSTL85353ASU Datasheet HTML 5Page - Potato Semiconductor Corporation PO74HSTL85353ASU Datasheet HTML 6Page - Potato Semiconductor Corporation PO74HSTL85353ASU Datasheet HTML 7Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Test Circuit
50Ohm
15pF
to
2pF
15pF
to
2pF
Vcc
Pulse
Generator
D.U.T
Schematic Example
X1
C3
0.1u
U1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
VEE
CLK_EN
CLK_SEL
CLK
NC
XTAL1
XTAL2
NC
NC
VCC
nQ3
Q3
VCC
nQ2
Q2
nQ1
Q0
nQ0
VCC
Q1
3.3V
R12
1K
3.3V
3.3V
C2
0.1u
+
-
+
-
+
-
+
-
3.3V
R11
1K
R1
C4
40p - 60pF
C1
0.1u
C5
SPARE
3.3V
LVCMOS and XTAL Input to HSTLOutput 1:4 Fanout Buffer
6
01/01/10
Potato Semiconductor Corporation
PO74HSTL85353A
www.potatosemi.com
300MHz HSTL Potato Chip


Similar Part No. - PO74HSTL85353ASU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74HSTL85353A POTATO-PO74HSTL85353A Datasheet
1Mb / 7P
   300MHz HSTL Potato Chip
PO74HSTL85353A POTATO-PO74HSTL85353A_14 Datasheet
1Mb / 7P
   300MHz HSTL Potato Chip
More results

Similar Description - PO74HSTL85353ASU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74HSTL85352A POTATO-PO74HSTL85352A Datasheet
1Mb / 7P
   The PO74HSTL85352A is a low-skew, 1-to-2 differential fanout buffer targeted to meet the requirements of high-performance clock and data distribution applications.
logo
Integrated Circuit Syst...
ICS8523 ICST-ICS8523 Datasheet
136Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
   Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
logo
Integrated Device Techn...
ICS858020 IDT-ICS858020 Datasheet
156Kb / 14P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
8S89832I IDT-8S89832I Datasheet
297Kb / 16P
   Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
ICS854104I RENESAS-ICS854104I Datasheet
724Kb / 16P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
JANUARY 30, 2014
8S89832I RENESAS-8S89832I Datasheet
631Kb / 15P
   Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
September 22, 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com