Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT3814-PCB Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TAT3814-PCB
Description  5-300 MHz Variable Gain Return Path Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT3814-PCB Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TAT3814-PCB Datasheet HTML 1Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TAT3814
5-300 MHz Variable Gain Return Path Amplifier
Data Sheet: Rev F 11/22/12
-1 of 9-
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Applications
Return Path Amplifier
System Amplifier
Line Amplifier
DOCSIS Return Path VGA
Bonded Channel Cable Modem Return Path
6x6 mm 40 Pin leadless SMT Package
Product Features
Integrates Attenuation and Amp Functionality
5-300 MHz Performance
75 Ohm
Variable gain attenuator: 20 dB typical range
Max gain setting: 36 dB typical
15 dB typical return loss across gain range
5 dB typical Noise Figure
40dBm typical OIP3
+8 V Supply (Lower supply voltages possible)
320 mA Operating Current
Compact 6x6 mm integrated package
Functional Block Diagram
Backside Paddle
GND
GND
GND
RFOUT1
GND
GND
GND
GND
RFOUT2
GND
GND
GND
GND
GND
RFIN1
GND
GND
RFIN2
GND
GND
GND
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
Stage 1A
Stage 1B
Stage 2A
Stage 2B
General Description
The TAT3814 is a variable gain return path amplifier
designed for head-end and system amplifier
infrastructure applications. The TAT3814 provides up
to 37 dB gain with 20dB automatic gain control
capability.
The small size, 6x6 mm and efficient power dissipation,
nominal 2.5 watts, provide an ideal solution for high
density head-end applications and compact system
amplifiers.
Standard supply voltage for the TAT3814 is +8V.
Operation from lower supply voltages is possible.
Contact TriQuint CATV applications for guidance.
The TAT3814 is fabricated using 6-inch GaAs pHEMT
and HBT technologies to optimize performance and
cost.
Pin Configuration
Pin No.
Symbol
1-3, 5-6, 8-10, 12, 14,
17-19, 21-22, 24-27,
29-30, 32-37, 39
GND
4 / 7
RFIN1 / RFIN2
11
V2BYP
40
V1BYP
13 / 38
VCC2 / VCC1
15
VCTRL
16
VREF
20
V4ADJ
23 / 28
RFOUT2 / RFOUT1
31
V3ADJ
Backside Paddle
GND
Ordering Information
Part No.
Description
TAT3814
Return path VGA
TAT3814-PCB
5-300 MHz Evaluation Board
Standard T/R size = 1000 pieces on a 7” x 12mm reel


Similar Part No. - TAT3814-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT3814-PCB TRIQUINT-TAT3814-PCB Datasheet
1Mb / 9P
   5-300 MHz Variable Gain Return Path Amplifier
More results

Similar Description - TAT3814-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT3814 TRIQUINT-TAT3814_15 Datasheet
1Mb / 9P
   5-300 MHz Variable Gain Return Path Amplifier
QPB3311 TRIQUINT-QPB3311 Datasheet
1Mb / 17P
   15 dB Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB3311 QORVO-QPB3311 Datasheet
1Mb / 17P
   15 dB Return Path Amplifier 5 ??210 MHz
QPB3321 QORVO-QPB3321 Datasheet
1Mb / 17P
   17.5 dB Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB3321 TRIQUINT-QPB3321 Datasheet
1Mb / 17P
   17.5 dB Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB8896 QORVO-QPB8896 Datasheet
2Mb / 19P
   25 dB Balanced Return Path Amplifier (5 - 700 MHz)
QPB2318 QORVO-QPB2318 Datasheet
1Mb / 21P
   15 dB Balanced Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB2328 TRIQUINT-QPB2328 Datasheet
1Mb / 21P
   17.5 dB Balanced Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB2328 QORVO-QPB2328 Datasheet
1Mb / 21P
   17.5 dB Balanced Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB2318 TRIQUINT-QPB2318 Datasheet
1Mb / 21P
   15 dB Balanced Return Path Amplifier 5 ??210 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com