Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP519021-PCB Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TQP519021-PCB
Description  680-920 MHz High IP3 Dual Channel Downconverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP519021-PCB Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TQP519021-PCB Datasheet HTML 2Page - TriQuint Semiconductor TQP519021-PCB Datasheet HTML 3Page - TriQuint Semiconductor TQP519021-PCB Datasheet HTML 4Page - TriQuint Semiconductor TQP519021-PCB Datasheet HTML 5Page - TriQuint Semiconductor TQP519021-PCB Datasheet HTML 6Page - TriQuint Semiconductor TQP519021-PCB Datasheet HTML 7Page - TriQuint Semiconductor TQP519021-PCB Datasheet HTML 8Page - TriQuint Semiconductor TQP519021-PCB Datasheet HTML 9Page - TriQuint Semiconductor TQP519021-PCB Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TQP519021
680-920 MHz High IP3 Dual Channel Downconverter
Data Sheet: Rev C 12/20/2012
- 6 of 14 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Typical Performance Plots : Low-side LO with Standard Current Mode (cont.)
Test conditions unless otherwise noted: Vcc =+5V, Temp.=25°C, LSLO, Both Channels, LO power = 0 dBm
RF = 820 MHz, LO = 680 MHz, IF = 140 MHz
-60
-50
-40
-30
-20
680
720
760
800
840
880
920
LO Frequency (MHz)
LO-IF Leakage vs LO Frequency
- 40
°C
+25
°C
+85
°C
-40
-35
-30
-25
-20
680
720
760
800
840
880
920
LO Frequency (MHz)
LO-RF Leakage vs LO Frequency
- 40
°C
+25
°C
+85
°C
40
45
50
55
60
560
610
660
710
760
LO Frequency (MHz)
LO Isolation vs. LO Frequency
-20
-15
-10
-5
0
680
720
760
800
840
880
920
LO Frequency (MHz)
LO Port Return Loss vs LO Frequency
-30
-25
-20
-15
-10
-5
0
70
100
130
160
190
220
250
280
IF Frequency (MHz)
IF Port Return Loss vs IF Frequency
-20
-15
-10
-5
0
680
720
760
800
840
880
920
RF Frequency (MHz)
RF Port Return Loss vs RF Frequency
40
45
50
55
60
65
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Channel Isolation vs. RF Frequency
260
270
280
290
300
680
720
760
800
840
880
920
RF Frequency (MHz)
Icc vs RF Frequency vs Temperature
- 40
°C
+25
°C
+85
°C


Similar Part No. - TQP519021-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP519021-PCB TRIQUINT-TQP519021-PCB Datasheet
709Kb / 15P
   680-920 MHz High IP3 Dual Channel Downconverter
More results

Similar Description - TQP519021-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP519021 TRIQUINT-TQP519021_15 Datasheet
709Kb / 15P
   680-920 MHz High IP3 Dual Channel Downconverter
logo
Hittite Microwave Corpo...
HMC990LP4E HITTITE-HMC990LP4E Datasheet
2Mb / 24P
   BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER
HMC581LP6 HITTITE-HMC581LP6_09 Datasheet
297Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
logo
TriQuint Semiconductor
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
   1.7-2.2 GHz High IP3 Dual Channel Downconverter
logo
Hittite Microwave Corpo...
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC682LP6C HITTITE-HMC682LP6C Datasheet
890Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
HMC683LP6C HITTITE-HMC683LP6C Datasheet
868Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
logo
Analog Devices
HMC1190ALP6NE AD-HMC1190ALP6NE Datasheet
3Mb / 63P
   BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ Fractional-N PLL & VCO, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com