Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP519021 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part No. TQP519021
Description  680-920 MHz High IP3 Dual Channel Downconverter
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TQP519021 Datasheet(HTML) 2 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TQP519021
680-920 MHz High IP3 Dual Channel Downconverter
Data Sheet: Rev C 12/20/2012
- 2 of 14 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Electrical Specifications
Test conditions unless otherwise noted: Vcc =+5V, Temp.=25°C, LSLO, Both Channels, LO power = 0 dBm
RF = 820 MHz, LO = 680 MHz, IF = 140 MHz
Parameter
Conditions
Min
Typ
Max
Units
RF Frequency Range
680
920
MHz
LO Frequency Range
600
1100
MHz
IF Frequency Range
70
140
280
MHz
Conversion Gain
Standard Current Mode
7.5
9
11.5
dB
Low Current Mode
6.5
8
10.5
dB
Gain Flatness
± 0.5
dB
Gain Variation over temp
-40 to +85°C, referenced to +25°C
±1.0
dB
Input IP3
Pin = -10dBm/tone, Δf = 1MHz
Standard Current Mode
+22.5
+25.5
dBm
Low Current Mode
+16
+20
dBm
Input IP3 Variation over temp
-40 to +85°C, referenced to +25°C
±1.0
dB
Input IP2
Pin = -10dBm/tone
Standard Current Mode
+65
dBm
Low Current Mode
+65
dBm
Input P1dB
Standard Current Mode
+11.8
dBm
Low Current Mode
+7.3
dBm
SSB Noise Figure
10.8
dB
SSB Noise Figure over temp
-40 to +85°C, referenced to +25°C
±1.3
dB
Noise Figure with Blocker
Pblocker = 8dBm, RF = 860MHz
18.6
dB
2LO-2RF Spur Rejection
Pin = -10dBm/tone
75
dBc
3LO-3RF Spur Rejection
Pin = -10dBm/tone
Standard Current Mode
90
dBc
Low Current Mode
80
dBc
LO Leakage at RF port
-33
dBm
LO Leakage at IF port
-50
dBm
LO2-LO1 Isolation
40
48
dB
Channel to Channel Isolation
53
dB
RF-IF Isolation
25
dB
RF Return Loss
12
dB
LO Return Loss
10
dB
IF Return Loss
With ext. IF balun TC4-1W-17LN+
15
dB
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-55 to 150°C
RF Input Power, CW, 50Ω,T = 25°C +15 dBm
LO Input Power CW, 50Ω,T = 25°C +5 dBm
Vcc (pins 4, 6, 21)
Vctrl (pins 16, 30)
+5.5 V
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min Typ Max Units
Vcc (pins 4, 6, 21)
3.3
5
5.25
V
TCASE
-40
+85
°C
TJ (for >106 hours MTTF)
190
°C
LO Power
-3
0
+3
dBm
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn