Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP519021 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part No. TQP519021
Description  680-920 MHz High IP3 Dual Channel Downconverter
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TQP519021 Datasheet(HTML) 10 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TQP519021
680-920 MHz High IP3 Dual Channel Downconverter
Data Sheet: Rev C 12/20/2012
- 10 of 14 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Typical Performance Plots : High-side LO with Low Current Mode
Test conditions unless otherwise noted: Vcc =+5V, Temp.=25°C, LSLO, Both Channels, LO power = 0 dBm
RF = 820 MHz, LO = 960 MHz, IF = 140 MHz
5
6
7
8
9
10
11
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Conversion Gain vs. RF Frequency
- 40
°C
+25
°C
+85
°C
10
15
20
25
30
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Input IP3 vs. RF Frequency
- 40
°C
+25
°C
+85
°C
1 MHz Tone Spacing
Pin/tone = -10 dBm
55
60
65
70
75
80
85
90
600
700
800
900
1000
1100
1200
Frequency (MHz)
Input IP2 vs. RF Frequency
- 40
°C
+25
°C
+85
°C
Pin/tone = -10 dBm
5
6
7
8
9
10
11
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Conversion Gain vs. RF Frequency
5.25 V
5 V
4.75 V
10
15
20
25
30
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Input IP3 vs. RF Frequency
5.25 V
5 V
4.75 V
1 MHz Tone Spacing
Pin/tone = -10 dBm
55
60
65
70
75
80
85
90
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Input IP2 vs. RF Frequency
5.25 V
5 V
4.75 V
Pin/tone = -10 dBm
4
5
6
7
8
9
700
750
800
850
900
RF Frequency (MHz)
Input P1dB vs. RF Frequency
0
5
10
15
20
25
30
680
720
760
800
840
880
920
RF Frequency (MHz)
RF-IF Isolation vs RF Frequency
- 40
°C
+25
°C
+85
°C
-60
-50
-40
-30
-20
700
800
900
1000
1100
1200
1300
1400
LO Frequency (MHz)
LO-IF Leakage vs LO Frequency
- 40
°C
+25
°C
+85
°C
-45
-40
-35
-30
-25
-20
700
800
900
1000
1100
1200
1300
1400
LO Frequency (MHz)
LO-RF Leakage vs LO Frequency
- 40
°C
+25
°C
+85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn