Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP519021 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part No. TQP519021
Description  680-920 MHz High IP3 Dual Channel Downconverter
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TQP519021 Datasheet(HTML) 1 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TQP519021
680-920 MHz High IP3 Dual Channel Downconverter
Data Sheet: Rev C 12/20/2012
- 1 of 14 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Ordering Information
Part No.
Description
TQP519021
Dual-channel Downconverter
TQP519021-PCB Assembled Evaluation Board
Standard T/R size = 2500 pieces on a 13” reel.
General Description
The TQP519021 is a high-linearity dual-channel down-
converter designed to meet the demanding performance,
functionality, and cost goals of current and next
generation mobile infrastructure base-stations. It provides
high dynamic range performance in a low profile lead-
free/RoHS-compliant surface-mount leadless package
that measures 6x6 mm square.
The TQP519021 is a fully integrated diversity mixer
that includes LO switch, two stage LO drivers, high-
linearity mixers, RF balun and IF amplifiers. The IF
amplifiers can be set to standard current or low current
mode through logic input pins. The TQP519021 also
integrates power down feature controlled by separate
logic pin.
The TQP519021 is designed to provide 9 dB conversion
gain, +25.5 dBm Input IP3, +11.8 dBm Input P1dB and a
noise figure of 10.8 dB over the 680-920MHz frequency
range for diversity receiver applications. TQP519021 is
optimized for low side LO application but also works for
High-side LO applications with slightly degraded
linearity performance. The TQP519021 is footprint and
pin compatible with TriQuint’s 1.7-2.2 GHz TQP569022
mixer for high band applications.
Applications
3G / 4G Wireless Infrastructure
CDMA, WCDMA, LTE, TD-LTE
36-pin 6x6 mm Leadless Package
Product Features
High dynamic range
Integrated LO/IF amplifiers and LO Switch
Dual Channels for diversity
RF Frequency Range : 680-920 MHz
IF Frequency Range : 70-280 MHz
9 dB Conversion Gain
25.5 dBm Input IP3
10.8 dB Noise Figure
11.8 dBm Input P1dB
Built-in high isolation LO Switch
Power Shut-down Mode
Optional Low Current Mode for IF amplifiers
Functional Block Diagram
Pin Configuration
Pin #
Symbol
Pin #
Symbol
1
RFMAIN
22
LOD_SD
4
VCC_LOM
23
LOSEL
6
VCC_LOD
24
LOM_SD
9
RFDIV
27
LO2
13, 14
IFD+ , IFD-
28
IFM_SD
16
VCC_CTRL_D
29
IFM_CURR_SET
17
IFD_CURR_SET 30
VCC_CTRL_M
18
IFD_SD
32,33
IFM+, IFM-
19
LO1
20, 26
RF GND
21
VCC
All Others
NC or GND


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn