Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP519021 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part No. TQP519021
Description  680-920 MHz High IP3 Dual Channel Downconverter
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TQP519021 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TQP519021
680-920 MHz High IP3 Dual Channel Downconverter
Data Sheet: Rev C 12/20/2012
- 6 of 14 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Typical Performance Plots : Low-side LO with Standard Current Mode (cont.)
Test conditions unless otherwise noted: Vcc =+5V, Temp.=25°C, LSLO, Both Channels, LO power = 0 dBm
RF = 820 MHz, LO = 680 MHz, IF = 140 MHz
-60
-50
-40
-30
-20
680
720
760
800
840
880
920
LO Frequency (MHz)
LO-IF Leakage vs LO Frequency
- 40
°C
+25
°C
+85
°C
-40
-35
-30
-25
-20
680
720
760
800
840
880
920
LO Frequency (MHz)
LO-RF Leakage vs LO Frequency
- 40
°C
+25
°C
+85
°C
40
45
50
55
60
560
610
660
710
760
LO Frequency (MHz)
LO Isolation vs. LO Frequency
-20
-15
-10
-5
0
680
720
760
800
840
880
920
LO Frequency (MHz)
LO Port Return Loss vs LO Frequency
-30
-25
-20
-15
-10
-5
0
70
100
130
160
190
220
250
280
IF Frequency (MHz)
IF Port Return Loss vs IF Frequency
-20
-15
-10
-5
0
680
720
760
800
840
880
920
RF Frequency (MHz)
RF Port Return Loss vs RF Frequency
40
45
50
55
60
65
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Channel Isolation vs. RF Frequency
260
270
280
290
300
680
720
760
800
840
880
920
RF Frequency (MHz)
Icc vs RF Frequency vs Temperature
- 40
°C
+25
°C
+85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn