Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP519021 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part No. TQP519021
Description  680-920 MHz High IP3 Dual Channel Downconverter
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TQP519021 Datasheet(HTML) 5 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TQP519021
680-920 MHz High IP3 Dual Channel Downconverter
Data Sheet: Rev C 12/20/2012
- 5 of 14 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Typical Performance Plots : Low-side LO with Standard Current Mode
Test conditions unless otherwise noted: Vcc =+5V, Temp.=25°C, LSLO, Both Channels, LO power = 0 dBm
RF = 820 MHz, LO = 680 MHz, IF = 140 MHz
5
6
7
8
9
10
11
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Conversion Gain vs. RF Frequency
- 40
°C
+25
°C
+85
°C
5
6
7
8
9
10
11
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Conversion Gain vs. RF Frequency
5.25 V
5 V
4.75 V
5
6
7
8
9
10
11
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Conversion Gain vs. RF Frequency
70 MHz
100 MHz
140 MHz
200 MHz
250 MHz
20
25
30
35
40
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Input IP3 vs. RF Frequency
- 40
°C
+25
°C
+85
°C
1 MHz Tone Spacing
Pin/tone = -10 dBm
20
25
30
35
40
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Input IP3 vs. RF Frequency
5.25 V
5 V
4.75 V
1 MHz Tone Spacing
Pin/tone = -10 dBm
20
25
30
35
40
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Input IP3 vs. RF Frequency
70 MHz
100 MHz
140 MHz
200 MHz
250 MHz
55
60
65
70
75
80
85
600
700
800
900
1000
1100
1200
Frequency (MHz)
Input IP2 vs. RF Frequency
- 40
°C
+25
°C
+85
°C
Pin/tone = -10 dBm
55
60
65
70
75
80
85
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Input IP2 vs. RF Frequency
5.25 V
5 V
4.75 V
Pin/tone = -10 dBm
55
60
65
70
75
80
85
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Input IP2 vs. RF Frequency
70 MHz
100 MHz
140 MHz
200 MHz
250 MHz
8
9
10
11
12
13
14
680
720
760
800
840
880
920
RF Frequency (MHz)
Noise Figure vs. RF Frequency
10
11
12
13
14
15
700
750
800
850
900
RF Frequency (MHz)
Input P1dB vs. RF Frequency
0
5
10
15
20
25
30
680
720
760
800
840
880
920
RF Frequency (MHz)
RF-IF Isolation vs RF Frequency
- 40
°C
+25
°C
+85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn