Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP519021 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part No. TQP519021
Description  680-920 MHz High IP3 Dual Channel Downconverter
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TQP519021 Datasheet(HTML) 4 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TQP519021
680-920 MHz High IP3 Dual Channel Downconverter
Data Sheet: Rev C 12/20/2012
- 4 of 14 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Application Circuit Board (TQP519021-PCB)
Bill of Material - TQP3M9035-PCB
Reference Des.
Value
Description
Manuf.
Part Number
U1
Downconverter
TriQuint
TQP519021
R1, R2, R3, R4, R5, R6, R7, R8, R9,
R10, R11, R12, R13, R14, R15, R16
0 Ω
RES, 0402, 5%, 1/16W, Chip
Various
C1, C2, C3, C4, C5, C14, C17, C18
0.1 uF
CAP, 0402, 5%, 50V, NPO
Various
C6, C7, C8, C9
47 pF
CAP, 0402, 5%, 50V, NPO
Various
C12, C13
100 pF
CAP, 0402, 5%, 50V, NPO/COG
Various
T1, T2
RF Transformer
Mini-Circuits TC4-1W-17LN+
L1, L2, L3, L4
470 nH
IND, 0805, 5%, Ceramic Core
Coilcraft
0805CS-471XJL
C10, C11, C15, C16, C19, C20, C21,
C22, C23, C24, C25
Do Not Place
Jumper Settings - TQP3M9035-PCB
Jumper
Pin No.
Function
Low
High
J9
22
LOD_SD
Operation Mode
Shutdown Mode
J10
29
IFM_CURR_SET
Standard Current Mode
Low Current Mode
J11
28
IFM_SD
Operation Mode
Shutdown Mode
J12
17
IFD_CURR_SET
Standard Current Mode
Low Current Mode
J13
18
IFD_SD
Operation Mode
Shutdown Mode
J14
23
LOSEL
LO2
LO1
J16
24
LOM_SD
Operation Mode
Shutdown Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn