Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP519021 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part No. TQP519021
Description  680-920 MHz High IP3 Dual Channel Downconverter
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TQP519021 Datasheet(HTML) 3 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TQP519021
680-920 MHz High IP3 Dual Channel Downconverter
Data Sheet: Rev C 12/20/2012
- 3 of 14 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Electrical Specifications (contd.)
Test conditions unless otherwise noted: Vcc =+5V, Temp.=25°C, LSLO, Both Channels, LO power = 0 dBm
RF = 820 MHz, LO = 680 MHz, IF = 140 MHz
Parameter
Conditions
Min
Typ
Max
Units
IF differential port impedance
200
Ohms
Total Supply Current
Standard Current Mode
240
295
350
mA
Low Current Mode
150
195
250
mA
Shut Down Mode
3.5
mA
Logic Low Voltage
0
0.4
V
Logic High Voltage
1.4
Vcc
V
LO Switching Time
100
ns
Logic Input Current
At 5V Logic High
50
µA
Thermal Resistance, θjc
Junction to Case
23.4
ºC/W
Application Circuit (TQP519021-PCB)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn