Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M9008-PCB_IF Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQP3M9008-PCB_IF
Description  High Linearity LNA Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9008-PCB_IF Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQP3M9008-PCB_IF Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9008-PCB_IF Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9008-PCB_IF Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9008-PCB_IF Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9008-PCB_IF Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9008-PCB_IF Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9008-PCB_IF Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9008-PCB_IF Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9008-PCB_IF Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TQP3M9008
High Linearity LNA Gain Block
Data Sheet: Rev. J
- 1 of 10-
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
3-pin SOT-89 Package
Repeaters
Mobile Infrastructure
LTE / WCDMA / EDGE / CDMA
General Purpose Wireless
Product Features
Functional Block Diagram
50-4000 MHz
20.6 dB Gain @ 1.9 GHz
+36 dBm Output IP3
1.3 dB Noise Figure @ 1.9 GHz
50 Ohm Cascadable Gain Block
Unconditionally stable
High input power capability
+5V Single Supply, 85 mA Current
SOT-89 Package
RF IN
GND
RF OUT
GND
1
2
3
4
General Description
Pin Configuration
The TQP3M9008 is a cascadable, high linearity gain
block amplifier in a low-cost surface-mount package.
At 1.9 GHz, the amplifier typically provides 20.6 dB
gain, +36 dBm OIP3, and 1.3 dB Noise Figure while
only drawing 85 mA current. The device is housed in
a leadfree/green/RoHS-compliant industry-standard
SOT-89 package using a NiPdAu plating to eliminate
the possibility of tin whiskering.
The TQP3M9008 has the benefit of having high gain
across a broad range of frequencies while also
providing very low noise. This allows the device to be
used in both receiver and transmitter chains for high
performance systems. The amplifier is internally
matched using a high performance E-pHEMT process
and
only requires
an
external
RF
choke
and
blocking/bypass capacitors for operation from a single
+5V supply. The internal active bias circuit also
enables stable operation over bias and temperature
variations.
The TQP3M9008 covers the 0.05-4 GHz frequency
band and is targeted for wireless infrastructure or
other applications requiring high linearity and/or low
noise figure.
Ordering Information
Part No.
Description
TQP3M9008
High Linearity LNA Gain Block
TQP3M9008-PCB_IF
TQP3M9008 EVB 0.05-0.5 GHz
TQP3M9008-PCB_RF
TQP3M9008 EVB 0.5-4 GHz
Standard T/R size = 1000 pieces on a 7” reel.
Pin #
Symbol
1
RF Input
3
RF Output / Vcc
2, 4
Ground


Similar Part No. - TQP3M9008-PCB_IF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9008-PCB_IF TRIQUINT-TQP3M9008-PCB_IF Datasheet
504Kb / 10P
   High Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9008-PCB_IF QORVO-TQP3M9008-PCB_IF Datasheet
747Kb / 12P
   High Linearity LNA Gain Block
More results

Similar Description - TQP3M9008-PCB_IF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com