Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M9007-PCB Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQP3M9007-PCB
Description  W High Linearity LNA Gain Block
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9007-PCB Datasheet(HTML) 8 Page - TriQuint Semiconductor

  TQP3M9007-PCB Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9007-PCB Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9007-PCB Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9007-PCB Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9007-PCB Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9007-PCB Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9007-PCB Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9007-PCB Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9007-PCB Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TQP3M9007
¼W High Linearity LNA Gain Block
Data Sheet: Rev D 12/27/11
-
8 of 9 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Mechanical Information
Package Information and Dimensions
Markings:
Part number: 3M9007
Assembly code: ‘Y’ is last digit of part
manufacture year. ‘XXX’ is lot code.
PCB Mounting Pattern
All dimensions are in millimeters (inches). Angles are in degrees.
Notes:
1. Ground / thermal vias are critical for the proper performance of this device. Vias should use a .35mm (#80 / .0135”)
diameter drill and have a final plated thru diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.
3. RF trace width depends upon the PC board material and construction.
4. Use 1 oz. Copper minimum.
3M9007
YXXX


Similar Part No. - TQP3M9007-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9007-PCB TRIQUINT-TQP3M9007-PCB Datasheet
1Mb / 9P
   W High Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9007-PCB QORVO-TQP3M9007-PCB Datasheet
1Mb / 13P
   1/4 W High Linearity LNA Gain Block
More results

Similar Description - TQP3M9007-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9007 TRIQUINT-TQP3M9007_15 Datasheet
1Mb / 9P
   W High Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9007 QORVO-TQP3M9007 Datasheet
1Mb / 13P
   1/4 W High Linearity LNA Gain Block
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com