Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM879026-PCB2140 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQM879026-PCB2140
Description  0.7?? GHz 쩌W Digital Variable Gain Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM879026-PCB2140 Datasheet(HTML) 7 Page - TriQuint Semiconductor

  TQM879026-PCB2140 Datasheet HTML 1Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 2Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 3Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 4Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 5Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 6Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 7Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TQM879026
0.7
−4 GHz ¼W Digital Variable Gain Amplifier
Data Sheet: Rev B 12/14/2012
- 7 of 8 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
PCB Mounting Pattern
NOTES:
1. All dimensions are in millimeters. Angles are in degrees.
2. Use 1 oz. copper minimum for top and bottom layer metal.
3. Vias are required under the backside paddle of this device for proper RF/DC grounding and thermal dissipation.
4. Do not remove or minimize via hole structure in the PCB. Thermal and RF grounding is critical.
5. We recommend a 0.35mm (#80/.0135") diameter bit for drilling via holes and a final plated thru diameter of 0.25 mm
(0.10”).
6. Ensure good package backside paddle solder attach for reliable operation and best electrical performance.
Mechanical Information
Package Marking and Dimensions
Marking: Part number
– TQM879026
Year/week/country code - YYWW CCCC
Lot code
– AaXXXX
2X
24X
SEATING PLANE
4.0±0.1
4.0±0.1
1.350
1.350
1.350
1.350
1.75
1.02±0.08
2X
24X 0.50 Pitch
C
5
TERMINAL #1
IDENTIFIER
(24X) 0.300x X 0.250y
0.10
C A B
TERMINAL #1
IDENTIFIER
4
GND/THERMAL PAD
5
1.75
(1X) shape
0.10
C A B
24X 0.10
.10 C
.10 C
.10 C
.08 C
1.75
1.75
.25±0.1
.25±0.1
NOTES:
1. All dimensions are in millimeters. Angles are in degrees.
2. Dimension and tolerance formats conform to ASME Y14.4M-1994.
3. The terminal #1 identifier and terminal numbering conform to JESD 95-1 SPP-012.
TQM879026
YYWW CCCC
AaXXXX


Similar Part No. - TQM879026-PCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM879026-PCB2140 TRIQUINT-TQM879026-PCB2140 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
More results

Similar Description - TQM879026-PCB2140

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQC9305 QORVO-TQC9305 Datasheet
706Kb / 9P
   0.7 ??3.6 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQC9305 TRIQUINT-TQC9305_15 Datasheet
880Kb / 9P
   0.7-3.6 GHz Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028_15 Datasheet
639Kb / 15P
   0.7-4.0 GHz W Digital Variable Gain Amplifier
TQM829007 TRIQUINT-TQM829007 Datasheet
737Kb / 12P
   0.6-1.0GHz 쩌W Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9077 TRIQUINT-TQM8M9077 Datasheet
1Mb / 9P
   0.05-4 GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM8M9075 QORVO-TQM8M9075 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com