Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM8M9076 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TQM8M9076
Description  0.05-4 GHz Digital Variable Gain Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM8M9076 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TQM8M9076 Datasheet HTML 2Page - TriQuint Semiconductor TQM8M9076 Datasheet HTML 3Page - TriQuint Semiconductor TQM8M9076 Datasheet HTML 4Page - TriQuint Semiconductor TQM8M9076 Datasheet HTML 5Page - TriQuint Semiconductor TQM8M9076 Datasheet HTML 6Page - TriQuint Semiconductor TQM8M9076 Datasheet HTML 7Page - TriQuint Semiconductor TQM8M9076 Datasheet HTML 8Page - TriQuint Semiconductor TQM8M9076 Datasheet HTML 9Page - TriQuint Semiconductor TQM8M9076 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TQM8M9076
0.05-4 GHz Digital Variable Gain Amplifier
Datasheet: Rev. D 01-20-12
- 9 of 11 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global
Network®
Mechanical Information
Package Information & Dimensions
Marking: Part number - TQM8M9076
Year, week, country code - YYWW CCCC
Assembly code – AaXXXX
PCB Mounting Pattern
2X
32X
SEATING PLANE
5.0±0.1
5.0±0.1
1.90
1.90
1.90
1.90
4.50
1.02±0.08
2X
0.25
32X 0.50 Pitch
C
0.25
5
TERMINAL #1
IDENTIFIER
(32X) 0.450x X 0.240y
0.10
C A B
TERMINAL #1
IDENTIFIER
4
GND/THERMAL PAD
0.20
5
4.50
(1X) shape
0.10
C A B
32X 0.10
.10 C
.10 C
.10 C
.08 C
TQM8M9076
YYWW CCC
AaXXXX
NOTES:
1. All dimensions are in millimeters. Angles are in degrees.
2. Except where noted, this part outline conforms to JEDEC standard MO-270, Issue B
(Variation DAE) for extra thin profile, fine pitch, internal stacking module (ISM).
3. Dimension and tolerance formats conform to ASME Y14.4M-1994.
4. The terminal #1 identifier and terminal numbering conform to JESD 95-1 SPP-012.
5. Co-planarity applies to the exposed ground/thermal pad as well as the contact pins.
6. Contact plating: Electrolytic plated Au over Ni
NOTES:
1. All dimensions are in millimeters. Angles are in degrees.
2. Use 1 oz. copper minimum for top and bottom layer metal.
3. Vias are required under the backside paddle of this device for proper RF/DC grounding and thermal dissipation.
We recommend a 0.35mm (#80/.0135") diameter bit for drilling via holes and a final plated thru diameter of 0.25mm (0.10”).
4. Ensure good package backside paddle solder attach for reliable operation and best electrical performance.
5. Place mounting screws near the part to fasten a back side heat sink.
6. Do not apply solder mask to the back side of the PC board in the heat sink contact region.
7. Ensure that the backside via region makes good physical contact with the heat sink.
COMPONENT SIDE
28X 0.75
0.50 PITCH
3.70
3.70
0.12
28X 0.28
25X
PACKAGE
OUTLINE
0.66
0.76
0.38
3
1


Similar Part No. - TQM8M9076

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM8M9076 TRIQUINT-TQM8M9076 Datasheet
335Kb / 8P
   0.05 to 4 GHz Digital Variable Gain Amplifier
TQM8M9076 TRIQUINT-TQM8M9076_15 Datasheet
335Kb / 8P
   0.05 to 4 GHz Digital Variable Gain Amplifier
More results

Similar Description - TQM8M9076

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQM8M9077 QORVO-TQM8M9077 Datasheet
451Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9077 TRIQUINT-TQM8M9077 Datasheet
1Mb / 9P
   0.05-4 GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM8M9075 QORVO-TQM8M9075 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
TQM8M9077 TRIQUINT-TQM8M9077_15 Datasheet
451Kb / 8P
   0.05 to 4 GHz Digital Variable Gain Amplifier
TQM8M9076 TRIQUINT-TQM8M9076_15 Datasheet
335Kb / 8P
   0.05 to 4 GHz Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQC9305 QORVO-TQC9305 Datasheet
706Kb / 9P
   0.7 ??3.6 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com